Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2901CS14 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2901CS14
Description  Quad Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2901CS14 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2901CS14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2901CS14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2901CS14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2901CS14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2901CS14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2901CS14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS2901
1-6
2005/04 rev. B
TS2901
Preliminary
Quad Voltage Comparator
Supply Voltage Range 2V to 36V
Quad Channel Comparator
General Description
The TS2901 is quad independent precision voltage comparators capable of single-supply or split-supply operation.
The specifications as low as 2.0 mV make this device an excellent ground level with single-supply operation. Input
offset-voltage selection for many applications in consumer automotive, and It is designed to permit a common mode
range-to- industrial electronics.
The TS2901 is offered in SOP-14 and DIP-14 package.
Features
Output voltage compatible with DTL, ECL, TTL,
MOS and CMOS Logic Levels
Low input bias current -25nA
Low input offset current ±5nA
Low input offset voltage ±5mV(max)
Input common mode range to ground level
Differential input voltage range equal to power
supply voltage
Ordering Information
Part No.
Operating Temp.
Package
TS2901CD14
DIP-14
TS2901CS14
-40 ~ +85
oC
SOP-14
Pin Assignment
Schematic (each comparator)
DIP-14
SOP-14
Pin assignment:
1. Output 2
14. Output 3
2. Output 1
13. Output 4
3. Vcc
12. Input D (+)
4. Input 1(-)
11. Input 4(+)
5. Input 1(+) 10. Input 4(-)
6. Input 2 (-)
9. Input 3(+)
7. Input 2(+)
8. Input 3 (-)


Similar Part No. - TS2901CS14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2902 TSC-TS2902 Datasheet
146Kb / 6P
Quad Operating Amplifier
TS2902 TSC-TS2902 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
TS2902CD14 TSC-TS2902CD14 Datasheet
146Kb / 6P
Quad Operating Amplifier
TS2902CD14C4 TSC-TS2902CD14C4 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
TS2902CS14 TSC-TS2902CS14 Datasheet
146Kb / 6P
Quad Operating Amplifier
More results

Similar Description - TS2901CS14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
Quad voltage comparator
2001 Aug 03
LM139 PHILIPS-LM139 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
Quad Voltage Comparator
S339P AUK-S339P Datasheet
284Kb / 3P
Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339 Datasheet
132Kb / 4P
QUAD VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS339 TSC-TS339 Datasheet
137Kb / 6P
Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
QUAD VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com