Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2903CD Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2903CD
Description  Dual Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2903CD Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2903CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS2903
2-6
2005/04 rev. A
Absolute Maximum Rating
Supply Voltage
Vcc
+36 or ±18
V
Differential Input Voltage
VIDR
36
V
Input Common Mode Voltage Range
Input Current (note 2)
VICR
Iin
-0.3 to 36
50
V
mA
Output Short Circuit to Ground
Output Sink Current (note 1)
Isc
Isink
Continuous
20
mA
Power Dissipation @ Ta=25
oC
Derate above 25
oC
1/Rθja
570
5.7
mW
mW/
oC
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
oC
Electrical Characteristics
(VCC = 5V, TLOW ≤ Ta ≤THIGH; unless otherwise specified.)
Characteristics
Symbol
Test condition
Min
Typ
Max
Unit
Input Offset Voltage (note 3)
Vio
Ta =25
oC
TLOW ≤ Ta ≤THIGH
--
--
2.0
9.0
7.0
15
mV
Input Offset Current
Iio
Ta =25
oC
TLOW ≤ Ta ≤THIGH
--
--
±5.0
±5.0
±50
±200
nA
Input Offset Current (note 4)
IIB
Ta =25
oC
TLOW ≤ Ta ≤THIGH
--
--
25
200
250
500
nA
Input Common Mode
Voltage Range (note 5)
VICR
Ta =25
oC
TLOW ≤ Ta ≤THIGH
0
0
--
--
VCC-1.5
VCC-2.0
V
Voltage Gain
AVOL
RL ≥15K, Vcc = 15Vdc.
Ta =25
oC
25
200
--
V/mV
Large Signal Response
Time
--
Vin = TTL Logic Swing.
Vref = 1.4Vdc, VRL = 5Vdc.
RL 5.1K
Ω, Ta =25 oC
--
300
--
nS
Response Time (note 6)
tTLH
VRL = 5Vdc, RK = 5.1K
Ω
Ta =25
oC
--
1.5
--
uS
Input Differential Voltage
(note 7)
VID
All Vin
≥ Gnd or V-Supply
(if used)
--
--
VCC
V
Output Sink Current
ISINK
Vin-
≥1Vdc, Vin+=0Vdc,
VO- ≤1 Vdc, Ta =25
oC
6.0
16
--
mA
Output Saturation Voltage
VOL
Vin-
≥1Vdc, Vin+=0,
ISINK ≤4mA, Ta =25
oC
TLOW ≤ Ta ≤THIGH
--
--
--
200
400
700
mV
Output Leakage Current
IOL
Vin-=0V, Vin+
≥1Vdc, P=5Vdc.
Ta =25
oC
Vin-=0V, Vin+
≥1V, VO=30Vdc
TLOW ≤ Ta ≤THIGH
--
--
0.1
--
--
1000
nA
Supply Current
I
cc
RL = ∞, Ta =25
oC
RL = ∞, VCC =30 V
--
--
0.4
--
1.0
2.5
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com