Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2903CS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2903CS
Description  Dual Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2903CS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2903CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2903CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2903CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2903CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2903CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2903CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS2903
4-6
2005/04 rev. A
Applications Information
This dual comparator feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if
the outputs are capacitive coupled to the inputs via stray capacitance. This oscillation manifests itself during output
transitions (VOL to VOH). To alleviate this situation input resistors<10KΩ should be used. The addition of positive
feedback (<10 mV) is also recommended.
It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage
without damaging the comparator's inputs. Voltages more negative than -0.3V should not be used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com