Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2904CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2904CS
Description  Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2904CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2904CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2904CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2904CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2904CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2904CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2904CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS2904
1-6
2005/04 rev. A
TS2904
Preliminary
Dual Operational Amplifier
Supply Voltage Range 3V to 26V
Dual Channel Amplifier
General Description
Utilizing the circuit designs perfected for recently introduced Quad Operational Amplifiers, these dual operational
amplifiers have several distinct advantages over standard operational amplifier types in single supply applications. They
can operate at supply voltages as low as 3.0 Volts or as high as 26 Volts with quiescent currents about one fifth of those
associated with the LM741 (on a pet amplifier basis). The common mode input range includes the negative supply,
thereby eliminating the necessity for external biasing components in many applications.
The TS2904 is equivalent to one half of TS2902, and output voltage range also includes the negative supply voltage.
The TS2904 is offered in 8 pin SOP-8 and DIP-8 package.
Block Diagram
Features
Short circuit protected outputs
True differential input stage
Single supply operation: 3V to 26V
Low input bias currents
Internally compensated
Common mode range extends to negative supply
Single and split supply operation
Similar performance to the popular MC1558
Ordering Information
Part No.
Operating Temp.
Package
TS2904CD
DIP-8
TS2904CS
-40 ~ +105
oC
SOP-8
Absolute Maximum Rating
Supply Voltage
Vcc
26
V
Differential Input Voltage (note 1)
VIDR
26
V
Input Common Mode Voltage Range (note 2)
Input Forward Current (note 3)
VICR
Iif
-0.3 to 26
50
V
mA
Output Short Circuit Duration
Isc
Continuous
mA
Power Dissipation @ Ta=25
oC
Derate above 25
oC
1/Rθja
570
5.7
mW
mW/
oC
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
NOTE :
1. Split Power Supplies.
2. For supply. Voltages less than 26V for the TS2904 the absolute maximum input voltage is equal to the supply voltage.
3. This input current will only exist when the voltage is negative at any of the input leads. Normal output states will
reestablish when the input voltage returns to a voltage greater than -0.3V.
Pin assignment:
1. Output
2. Input A (-)
3. Input A (+)
4. Gnd
5. Input B (+)
6. Input B (-)
7. Output B
8. Vcc


Similar Part No. - TS2904CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
Quad Voltage Comparator
TS2901CD14 TSC-TS2901CD14 Datasheet
133Kb / 6P
Quad Voltage Comparator
TS2901CS14 TSC-TS2901CS14 Datasheet
133Kb / 6P
Quad Voltage Comparator
TS2902 TSC-TS2902 Datasheet
146Kb / 6P
Quad Operating Amplifier
TS2902 TSC-TS2902 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
More results

Similar Description - TS2904CS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com