Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2931CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2931CS
Description  100mA Ultra Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2931CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2931CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2931CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2931CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2931CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2931CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS2931 series
1-5
2004/12 rev. A
TS2931 series
100mA Ultra Low Dropout Positive Voltage Regulator
Input Voltage Range up to 30V
Output Current up to 100mA
General Description
The TS2931 voltage regulator features a very low quiescent current of 1mA or less when supplying 10mA loads. This
unique characteristic and the extremely low in-put-output differential required for proper regulation (0.2V for output
currents of 10mA) make the TS2931 the ideal regulator for standby power systems. Applications include memory standby
circuits, CMOS and other low power processor power supplies as well as systems demanding as much as 100mA of
output current.
Designed originally for automotive applications, the TS2931 and all regulated circuitry are protected from reverse battery
installations or 2 battery jumps. During line transients, such as a load dump (60V) when the input voltage to the regulator
can momentarily exceed the specified maximum operating voltage, the regulator will automatically shut down to protect
both internal circuits and the load. The TS2931 can not be harmed by temporary mirror-image insertion. Familiar regulator
features such as short circuit and thermal overload protection are also provided.
Fixed output of 5V is available in the popular TO-92 and SOT-89 package. An adjustable output version, with on/off
switch, is available in SOP-8 package.
Application
Battery powered systems
Portable instrumentation
Avionics
Automotive Electronics
SMPS Post-Regulator
Voltage Reference
Portable/Palm top / Notebook computers
Portable consumer equipment
Radio control system
Features
Very low quiescent current
Output current in excess of 100mA
Input-Output differential less than 0.6V
Reverse battery protection
Unregulated DC input can withstand +60V positive
transients and -20V reverse battery
Short circuit protection
Internal thermal overload protection
Available as adjustable with TTL compatible switch
100% electrical burn-in in thermal limit
Available in plastic SOP-8, TO-92, SOT-89 package
Ordering Information
Note: Where xx denotes voltage option, available are
8.0V, 8.5V, 9.0V, 10V, 12V, 15V, 5.0V, 3.3V and
adjustable. Contact factory for additional voltage
options.
Part No.
Operating Temp.
(Ambient)
Package
TS2931CTxx
TO-92
TS2931CSxx
-20 ~ +85
oC
SOP-8
Pin assignment
1. Output
2. Ground
3. Input
Pin assignment
1. Output
2. Gnd
3. Gnd
4. Feedback
5. Shutdown
6. Gnd
7. Gnd
8. Input


Similar Part No. - TS2931CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
151Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
443Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937 Datasheet
318Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Similar Description - TS2931CS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
1.5A Ultra Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com