Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2931CS85 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2931CS85
Description  100mA Ultra Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2931CS85 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2931CS85 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2931CS85 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2931CS85 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2931CS85 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2931CS85 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS2931 series
2-5
2004/12 rev. A
Absolute Maximum Rating
Input Supply Voltage
Vin
- 20 ~ +35
V
Power Dissipation
Pd
Internally Limited
W
Operating Junction Temperature Range
TJ
- 55 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature (Soldering 5 second)
TSTG
260
oC
Electrical Characteristics(VIN=14V,Io=100uA, TJ=25 (Note 1), Co=100µF(unless otherwise specified)
℃
Parameter
Conditions
Min.
Typ.
Max.
Units
-20℃≤Tj ≤85℃
Full operating temperature
0.985|Vo|
0.98|Vo|
Vo
1.015|Vo|
1.02|Vo|
Output Voltage (Fix Type)
Io =100uA ~ 100mA, Tj ≤Tj max
0.975|Vo|
--
1.025|Vo|
Input Supply Voltage
--
--
26
V
Line Regulation
13V≤VIN≤16V
--
4
30
mV
Load Regulation
5mA≤Io≤100mA
--
14
50
mV
Dropout Voltage
Io=10mA
Io=100mA
--
60
300
200
600
V
Ground Current
Io=100uA
Io=10mA
Io=100mA
--
--
--
0.1
0.9
8
0.15
1.5
12
mA
Current Linit
Vout=0
--
160
200
mA
Output Noise Voltage
10Hz-100KHz, COUT=100µF
--
500
--
uVRMS
Ripple Rejection Ratio
Io =10mA, fo=120Hz
60
--
--
dB
Adjustable Type Only
Vout = 3V, Io≤100mA, R1=27K
1.21
1.235
1.26
Reference Voltage
Full Operation Temperature
1.185
--
1.285
V
Feedback Pin Bias Current
--
20
40
nA
Feedback Pin Bias Current
Temperature Coefficient
--
--
--
nA/℃
Reference Voltage
Temperature Cofficient
--
50
--
ppm/℃
Shutdown Input
Input Logic Voltage
Low (Regulator ON)
High (Regulator OFF)
--
2
1.3
--
0.7
--
V
Shutdown Pin Input Current
Vs=2.4V
Vs=26V
--
30
450
50
600
Regulator Output Current in Shutdown
--
3
10
uA
Note 1: Output or reference voltage temp. coefficients defined as the worst case voltage change divided by the total
temp. range.
Note 2: Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in
output voltage due to heating effects is covered under the specification for thermal regulation.
Note 3: Line regulation is tested at 125℃for IL=1mA, For IL=100µA and TJ=125℃.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below it’s
nominal value measured at 1V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn form the source is the sum of the
ground pin current and output load current.
Note 6: Thermal regulation is the change in output voltage at a time T after a change in power dissipation, excluding load
or line regulation effects. Specifications are for a 50mA load pulse (1.25W) for T=10ms.
Note 7: Vref ≦Vout ≦(Vin-1V), 2.3V≦Vin≦26V, 100µA≦IL≦100mA, TJ≦TJMAX
Note 8: Vshutdown ≧2V, Vin≦26V, Vout=0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com