Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2938CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CS
Description  500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2938CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS2938/A
1-5
2004/09 rev. A
TS2938/A
500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
Low Dropout Voltage 0.6V max.
Logic Inhibit Control
General Description
The TS2938/A series of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of
applications. This device excellent choice of use in battery-power application. Furthermore, the quiescent current
increases on slightly at dropout, which prolongs battery life.
This series of fixed-voltage regulators features very low ground current (100uA Typ.), very low drop output voltage (Typ.
60mV at light load and 600mV at 500mA) and output inhibit control. This includes a tight initial tolerance of 1% (TS2938A)
and 2% (TS2938), extremely good line regulation of 0.05% typ., and very low output temperature coefficient.
This series is offered in 5-pin of TO-252-5L and 8-pin SOP-8 package.
Features
Dropout voltage typically 0.5V @Io=500mA
Output current up to 500mA
Logic control electronic shutdown
Output voltage trimmed before assembly
-18V Reverse peak voltage
+30V Input over voltage protection
+60V Transient peak voltage
Low quiescent current 100uA typ. (ON mode),
Internal current limit
Thermal shutdown protection
Block Diagram
Ordering Information
Part No.
Operation Temp.
(Ambient)
Package
TS2938CP5xx
TS2938ACP5xx
TO-252-5L
TS2938CSxx
TS2938ACSxx
-20 ~ +85
oC
SOP-8
Note: Where xx denotes voltage option, available are
8.0V, 5.0V, 3.3V and 2.5V. Contact factory for
additional voltage options.
Absolute Maximum Rating (Note 1)
Input Supply Voltage (Note 2)
Vin
-18 ~ +60
V
Operation Input Supply Voltage
Vin (operate)
26
V
Power Dissipation (Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-252 / SOP-8 Package
5
S
Pin assignment:
1. Output
8. Input
2. Gnd
7. Gnd
3. Gnd
6. Gnd
4. N/C
5. Inhibit
Pin assignment:
1. Input
2. Inhibit
3. Gnd
4. N/C
5. Output


Similar Part No. - TS2938CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2938CS TSC-TS2938CS Datasheet
302Kb / 7P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938CS33RLG TSC-TS2938CS33RLG Datasheet
144Kb / 7P
500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
TS2938CS50RLG TSC-TS2938CS50RLG Datasheet
144Kb / 7P
500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
TS2938CSRL TSC-TS2938CSRL Datasheet
277Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
More results

Similar Description - TS2938CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2938 TSC-TS2938_08 Datasheet
277Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2938 TSC-TS2938_15 Datasheet
144Kb / 7P
500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com