Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6201 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6201
Description  Hall switch sensor device with low power consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6201 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6201 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6201 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6201 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6201 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6201 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6201 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
波形和曲线
0
10
20
30
40
50
60
0
1
2
3
4
5
6
VDD (V)
0
2
4
6
8
10
0
1
2
3
4
5
6
VDD (V)
扫描频率 vs. 工作电压
静态电流 vs. 工作电压
-60
-40
-20
0
20
40
60
-40
0
40
80
120
TA (℃)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
VDD (V)
磁感应点 vs. 环境温度
磁感应点 vs. 工作电压
HM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com