Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2951CS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2951CS
Description  150mA Ultra Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951CS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2951CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS2950-51 series
5-6
2003/12 rev. B
Application Hints (continued)
Programming The output Voltage
The TS2951/A output voltage is programmable for any
value from it reference voltage of 1.235V and it maximum
rating of 30V. For example for 5 volt needs to
pin-strapped and using the internal voltage divider by
tying pin 1 to 2 and pin 7 to pin 6. Refer to Figure 2, there
are two external resistor required for this programming.
Refer to the below equation for the programming the
output voltage:
Volt=Vref x (1+R1\R2)+IFB * R1
The Vref is 1.235V and IFB is the feedback bias current,
nominally -20nA. The minimum recommended load
current of 1uA forces an upper limit of 1.2MΩon value of
R2, If no load presented the IFB produces error of typically
2% in Vout which maybe eliminated at room temperature
by trimming R1. To improve the accuracy chooses the
value of R2=100K and this reduces the error by 0.17%
and increases the resistor program current by 12uA. The
TS2951/A typically draw 60uA at no load with pin 2
open-circuit, and this value does not look much.
Figure 2. Adjust Voltage
Block Diagram and Typical Applications Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com