Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3404CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS3404CS
Description  PWM Buck Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3404CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS3404CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3404CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3404CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3404CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3404CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS3404
2-5
2003/12 rev. A
Recommended Operating Conditions
Parameter
Symbol.
Min.
Max.
Unit
Supply voltage
VCC
3.6
27
V
Amplifier input voltage
VI
1.05
1.45
V
Collector output voltage
VO
Vcc~1.5
V
Current into feedback terminal
IFB
45
uA
Feedback resistor
RF
100
K
Timing capacitor
CT
100
6800
pF
Oscillator frequency
FOSC
10
300
KHz
Electrical Characteristics
(VCC =6V, f = 200KHz, Ta =25
oC; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference
Comp. Connect to FB
1.225
1.25
1.275
V
Ta= -20
oC ~ 25 oC
- 0.1
1
Output voltage change with
temperature
VREF
Ta= 25
oC ~ 85 oC
- 0.2
1
%
Under voltage lock out (UVLO)
Upper threshold Voltage
VUT
2.9
Lower threshold voltage
VLWT
2.4
Hysteresis
VHT
IO(REF) = 0.1mA, Ta= 25
oC
0.5
V
Short circuit protection (SCP)
Input threshold voltage
ViT
Ta= 25
oC
0.60
0.67
0.75
V
Standby voltage
VSTB
No pull up
100
130
160
mV
Latched input voltage
VLT
No pull up
50
100
mV
Input (source) current
ISCP
VI = 0.7V, Ta= 25
oC
- 10
- 15
- 20
uA
Comparator threshold voltage
VCT
1.5
V
Oscillator (OSC)
Frequency
FOSC
CT = 270pF
200
KHz
Standard deviation of frequency
CT = 270pF
10
Frequency change with voltage
∆FOSC
VCC = 3.6V ~ 20V
1
%
Error Amplifier
Input offset voltage
VIO
± 6
mV
Input offset current
IIO
± 100
nA
Input bias current
IIB
VO (FB)= 1.25V
160
500
nA
Common mode input voltage
range
VCM
VCC = 3.6V ~ 20V
1.05
1.45
V
Open loop voltage amplification
AV
RF = 200kΩ
70
80
dB
Unity gain bandwidth
GBW
1.5
MHz
Common mode reject ratio
CMRR
60
80
dB
Max. output voltage
VOH
VREF~0.1
V
Min. output voltage
VOL
1
V
Output (sink) current (Comp)
IOI
0.5
1.6
mA
Output (source) current (Comp)
IOO
VID = - 0.1V, VO = 1.25V
- 45
- 70
uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com