Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2931CS15 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2931CS15
Description  100mA Ultra Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2931CS15 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2931CS15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2931CS15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2931CS15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2931CS15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2931CS15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS2931 series
4-5
2004/12 rev. A
Typical Application Circuit
*Required if regulator is located far from power supply filter.
**C2 must be at least 100uF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator. The equivalent series resistance (ESR) of this capacitor is critical; see curve.
VOUT = Reference Voltage x
Note:
Using 27K for R1 will automatically compensate for errors in VOUT due to the input bias current of the ADJ pin
(approximately 1uA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com