Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2311KL2-R0048 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC2311KL2-R0048
Description  Crystal-less??Configurable Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2311KL2-R0048 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC2311KL2-R0048 Datasheet HTML 1Page - Micrel Semiconductor DSC2311KL2-R0048 Datasheet HTML 2Page - Micrel Semiconductor DSC2311KL2-R0048 Datasheet HTML 3Page - Micrel Semiconductor DSC2311KL2-R0048 Datasheet HTML 4Page - Micrel Semiconductor DSC2311KL2-R0048 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Micrel, Inc.
DSC2311KL2-R0048
Specifications (Unless specified otherwise: T = 25°C, VDD = 3.3V)
6
4
4
4
5
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Supply Voltage¹
VDD
2.25
3.6
V
Supply Current²
IDD
OE pin low - outputs are disabled
21
23
mA
Frequency Stability
F
Includes frequency variation due to initial
tolerance, temp. and power supply voltage
±25
ppm
Aging
F
First year (@ 25°C)
±5
ppm
Startup Time³
tSU
T = 25°C
5
ms
Input Logic High
Input Logic Low
VIH
VIL
0.75 x VDD
-
-
0.25 x VDD
V
Output Disable Time
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor²
Pull-up exists on pin 1
40
kOhms
Output Logic High
Output Logic Low
VOH
VOL
I = ±6mA
0.9 x VDD
-
-
0.1 x VDD
V
Output Transition Time
Rise Time
Fall Time
tR
tF
20% to 80%
CL = 15pF
1.1
1.43
2
2
ns
Frequency
F0
F1
CLK0
CLK1
24
72
MHz
Output Duty Cycle
SYM
45
55
%
Period Jitter
JPER
CLK0 = CLK1 = 25MHz
3
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @ 25MHz
100kHz to 20MHz @ 25MHz
12kHz to 20MHz @ 25MHz
0.3
0.38
1.7
2
psRMS
Notes:
1. Pin 4 VDD should be filtered with 0.1uF capacitor.
2. Output is enabled if OE pad is high or not connected. Supply current = Disabled Current +
IDD from CLK0 +
IDD from CLK1. See Current
Consumption graph on next page.
3. tSU is time to stable output frequency after VDD is applied and outputs are enabled.
4. See Figure 3 for detail (all based on maximum drive settings).
5. Period Jitter includes crosstalk from adjacent output.
6. For other ppm stabilities, contact the factory at MEMS_Support@micrel.com.
Absolute Maximum Ratings
Item
Min.
Max.
Units
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD + 0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
May 19, 2016
3
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
3917



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com