Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2311KL2-R0048T Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC2311KL2-R0048T
Description  Crystal-less??Configurable Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2311KL2-R0048T Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC2311KL2-R0048T Datasheet HTML 1Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 2Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 3Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 4Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSC2311KL2-R0048
Crystal-less™ Configurable Clock Generator
General Description
DSC2311KL2-R0048 is a crystal-less clock generator
that is factory configurable to simultaneously output
two separate frequencies from 2.3 to 170MHz. The
clock
generator
uses
proven
silicon
MEMS
technology to provide low jitter and high frequency
stability across a wide range of supply voltages and
temperatures. By eliminating the external quartz
crystal, crystal-less clock generators significantly
enhance
reliability
and
accelerate
product
development,
while
meeting
stringent
clock
performance criteria for a variety of
consumer
electronics, communications, and storage applications.
DSC2311KL2-R0048 has an output enable/disable
feature allowing it to disable the outputs when OE is
low. The device is available in a space-saving 6-pin
2.5mm x 2.0mm TDFN package that needs only a
single external bypass capacitor. This requires a PCB
footprint equivalent to that of a 1.0mm x 1.0mm
crystal-based clock generator.
Features
• Two simultaneous LVCMOS outputs:
- 24MHz
- 72MHz
• Low RMS phase jitter: <1ps (typical)
• ±25ppm frequency stability
• -40°C to +105°C ext. industrial temperature range
• High supply noise rejection: -50dBc
• High shock & vibration immunity
- Qualified to MIL-STD-883
• High reliability
- 20x higher MTBF than crystal-based clock
generator designs
• Programmable output strength for EMI reduction
and signal integrity optimization
• Supply range of 2.25 to 3.6V
• AEC-Q100 automotive qualified
• 6-pin 2.5mm x 2.0mm TDFN package
Applications
• Consumer Electronics
• Camera and Imaging Modules
• Home Automation
• Industrial and Power Conversion
• Mobile Communications, Internet, and Sensor Devices
• Solid State, Hard Drive, and Flash Drive Storage
• Automotive
Block Diagram
Control Circuitry
MEMS
PLL
÷ M1
CLK0
÷ M2
CLK1
24MHz LVCMOS
72MHz LVCMOS
OE
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 19, 2016
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
3917


Similar Part No. - DSC2311KL2-R0048T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC2311KL2-R0040 MICROCHIP-DSC2311KL2-R0040 Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator
August 26, 2016 Revision 1.0
DSC2311KL2-R0040T MICROCHIP-DSC2311KL2-R0040T Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator
August 26, 2016 Revision 1.0
More results

Similar Description - DSC2311KL2-R0048T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-0103Q0102 MICROCHIP-DSC400-0103Q0102 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
June 21, 2017 Revision 1.0
DSC400-0202Q0106 MICROCHIP-DSC400-0202Q0106 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
DSC400-0202Q0109 MICROCHIP-DSC400-0202Q0109 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-1111Q0001 MICREL-DSC400-1111Q0001 Datasheet
1,007Kb / 10P
Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
DSC400-3331Q0097 MICROCHIP-DSC400-3331Q0097 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
April 27, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-3333Q0078 MICREL-DSC400-3333Q0078 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
DSC400-4244Q0023 MICREL-DSC400-4244Q0023 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
DSC400-4244Q0069 MICREL-DSC400-4244Q0069 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC400-4334Q0022 MICROCHIP-DSC400-4334Q0022 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
February 13, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com