Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7905CZ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS7905CZ
Description  3-Terminal Fixed Negative Output Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7905CZ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS7905CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7905CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7905CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7905CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7905CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7905CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7905CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS7900 series
2-7
2003/12 rev. A
TS7905 Electrical Characteristics
(Vin= -10V, Iout=500mA, 0
oC ≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
-4.80
-5
-5.20
Output voltage
Vout
-7.5V
≤Vin≤ -20V, 10mA≤Iout≤1A,
PD
≤15W
-4.75
-5
-5.25
V
-7.5V
≤Vin≤-25V
--
3
100
Line Regulation
REGline
Tj=25
oC
-8V
≤Vin≤-12V
--
1
50
10mA
≤Iout≤1A
--
15
100
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
5
50
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-7.5V
≤Vin≤-25V
--
--
1.3
Quiescent Current Change
∆lq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
40
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -8V
≤Vin≤-18V
62
74
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
∆Vout/∆Tj
Iout=10mA, 0
oC ≤Tj≤125 oC
--
-1
--
mV/
oC
TS7906 Electrical Characteristics
(Vin=-11V, Iout=500mA, 0
oC ≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
-5.75
-6
-6.25
Output Voltage
Vout
-8.5V
≤Vin≤-21V, 10mA≤Iout≤1A,
PD
≤15W
-6.3
-6
-6.3
V
-8.5V
≤Vin≤-25V
--
5
120
Line Regulation
REGline
Tj=25
oC
-9V
≤Vin≤-13V
--
1.5
60
10mA
≤Iout≤1A
--
14
120
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
60
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-8.5V
≤Vin≤-25V
--
--
1.3
Quiescent Current Change
∆lq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
44
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -9V
≤Vin≤-19V
60
73
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
∆Vout/∆Tj
Iout=10mA, 0
oC ≤Tj≤125 oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com