Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7906CZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS7906CZ
Description  3-Terminal Fixed Negative Output Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7906CZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS7906CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7906CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7906CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7906CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7906CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7906CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7906CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS7900 series
1-7
2003/12 rev. A
TS7900 series
3-Terminal Fixed Negative Output Voltage Regulator
Pin assignment:
1.
Ground
2.
Input
3.
Output
(Heatsink surface
connected to Pin 2)
Voltage Range - 5V to - 24V
Output Current up to 1A
General Description
The TS7900 series of fixed output negative voltage regulators are intended as complements to the popular TS7800
series device. These negative regulators are available in the same seven-voltage options as the TS7800 devices. In
addition, one extra voltage option commonly employed in MECL systems is also available in the negative TS7900 Series.
Available in fixed output voltage options from -5.0 to -24 volts, these regulators employ current limiting, thermal shutdown,
and safe-area compensation--making them remarkably rugged under most operating conditions. With adequate
heatsinking they can deliver output currents in excess of 1 ampere.
This series is offered in 3-pin TO-220, ITO-220 package.
Features
Output current up to 1A
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Note: Where xx denotes voltage option.
Part No.
Operating Temp.
(Ambient)
Package
TS79xxCZ
TO-220
TS79xxCI
-20 ~ +85
oC
ITO-220
Standard Application
A common ground is required between the input and the
output voltages. The input voltage must remain typically 2.0V
above the output voltage even during the low point on the
Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Absolute Maximum Rating
Input Voltage
Vin *
- 35
V
Input Voltage
Vin **
- 40
V
Power Dissipation
TO-220
TO-220
ITO-220
Without heatsink
Pt ***
Without heatsink
2
15
10
oC/W
Operating Junction Temperature Range
TJ
0 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note :
* TS7905 to TS7918
** TS7924
*** Follow the derating curve
ITO-220


Similar Part No. - TS7906CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7906ACM TSC-TS7906ACM Datasheet
156Kb / 7P
3-Terminal Fixed Negative Output Voltage Regulator
TS7906ACZ TSC-TS7906ACZ Datasheet
156Kb / 7P
3-Terminal Fixed Negative Output Voltage Regulator
More results

Similar Description - TS7906CZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5279LXX MITSUBISHI-M5279LXX Datasheet
144Kb / 4P
FIXED NEGATIVE OUTPUT 3-TERMINAL REGULATOR(WITH PROTECTION CIRCUIT)
logo
Taiwan Semiconductor Co...
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
3-Terminal Fixed Negative Output Voltage Regulator
logo
List of Unclassifed Man...
OM7642SM ETC2-OM7642SM Datasheet
32Kb / 4P
SURFACE MOUNT NEGATIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
logo
Taiwan Semiconductor Co...
TS7900 TSC-TS7900_07 Datasheet
502Kb / 11P
3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A_07 Datasheet
517Kb / 11P
3-Terminal Fixed Negative Voltage Regulator
TS7900B TSC-TS7900B Datasheet
517Kb / 11P
3-Terminal Fixed Negative Voltage Regulator
logo
Renesas Technology Corp
M5279LXX RENESAS-M5279LXX Datasheet
1Mb / 5P
FIXED NEGATIVE OUTPUT 3-TERMINAL REGULATOR(WITH PROTECTION CIRCUIT)
logo
Taiwan Semiconductor Co...
TS7900 TSC-TS7900_10 Datasheet
280Kb / 8P
3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_12 Datasheet
202Kb / 6P
3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_13 Datasheet
252Kb / 6P
3-Terminal Fixed Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com