Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM16N02D Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM16N02D
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM16N02D Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM16N02D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM16N02D Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HM16N02D
2
Electrical Characteristics (TA=25℃ unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF Characteristics
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=250µA
20
-
-
V
Zero gate voltage drain current
IDSS
VDS=20V, VGS=0V
-
-
1
µA
Gate-body leakage
IGSS
VDS=0V, VGS=±12V
-
-
±100
nA
ON Characteristics
Gate threshold voltage
VGS(th)
VDS=VGS, ID=250µA
0.5
0.7
0.9
V
Drain-source on-state resistance
RDS(ON)
VGS=4.5V, ID=16A
-
9
12
mΩ
VGS=2.5V, ID=12A
-
11.5
14
Forward transconductance
gfs
VGS=5V, ID=16A
-
10
-
S
Dynamic Characteristics
Input capacitance
CISS
VDS=10V ,VGS=0V
f=1.0MHz
-
900
-
pF
Output capacitance
COSS
-
220
-
Reverse transfer capacitance
CRSS
-
100
-
Switching Characteristics
Turn-on delay time
tD(ON)
VDD=10V
ID=16A
VGEN=4.5V
RGEN=6ohm
-
10
20
ns
Rise time
tr
-
11
25
Turn-off delay time
tD(OFF)
-
35
70
Fall time
tf
-
30
60
Total gate charge
Qg
VDS=10V,ID=16A
VGS=4.5V
-
12
15
nC
Gate-source charge
Qgs
-
2.3
-
Gate-drain charge
Qgd
-
1
-
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode forward voltage
VSD
VGS=0V,Is=16A
-
-
1.2
V
Notes:
a. surface mounted on FR4 board,t≤10sec
b. pulse test: pulse width≤300μs,duty≤2%
c. guaranteed by design, not subject to production testing
Thermal Characteristics
Thermal Resistance junction-to ambient
Rth JA
100
℃/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com