Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM117L Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM117L
Description  Single channel 1.5-6.5V continuous current 1.2A H-bridge driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM117L Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM117L Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM117L Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM117L Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM117L Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM117L Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM117L Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
- 4 -
单通道 1.5-6.5V 持续电流 1.2A H 桥驱动芯片
绝对最大定额值
参数
最小
最大
单位
电源电压
VDD
-0.3
7.0
V
输入电压
INA,INB
-0.3
7.0
工作温度
TJ
-40
150
C
存储温度
Tstg
-65
150
热阻
θJA
130
°C/W
推荐工作范围
参数
最小
最大
单位
电源电压
VDD
1.5
6.5
V
输入电压
INA, INB
0
VDD
输出电流
IOUTA, IOUTB
0
1.2
A
电气特性(V
DD=5.0V, Ta=25゜C, RLOAD=20)
参数
测试条件
最小值
典型值
最大值
单位
导通阻抗
RDSON
IOUT=800mA
0.45
0.60
Ω
INA/INB
高电平输入电压
VINH
2.0
VDD
V
低电平输入电压
VINL
0
0.7
高电平输入电流
IINH
2.6
3.5
uA
低电平输入电流
IINL
0
1
下拉电阻
RPD
1.3
2.0
MΩ
工作电流
电路关断电流
IDD_OFF
INA=INB=0
0
1
uA
电路工作电流
IDD_ON
30
100
HM117L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com