Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC265 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TC265
Description  32-Bit Single-Chip Microcontroller
PDF  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC265 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TC265 Datasheet HTML 6Page - Infineon Technologies AG TC265 Datasheet HTML 7Page - Infineon Technologies AG TC265 Datasheet HTML 8Page - Infineon Technologies AG TC265 Datasheet HTML 9Page - Infineon Technologies AG TC265 Datasheet HTML 10Page - Infineon Technologies AG TC265 Datasheet HTML 11Page - Infineon Technologies AG TC265 Datasheet HTML 12Page - Infineon Technologies AG TC265 Datasheet HTML 13Page - Infineon Technologies AG TC265 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 318 page
background image
TC 260 / 264 / 265 / 267
Summary of Features
Data Sheet
1-4
V 1.0 2017-06
CAN
Standby-Controller
Feature Discontinued
8-bit
Yes
STM
Modules
2
FlexRay
Modules
1
Channels
2
Nodes
5
Message
Objects
256
QSPI
Channels
4
ASCLIN
Interfaces
4
I2C
Interfaces
1
SENT
Modules
6
PSI5
Channels
3
PSI5-S
Modules
1
HSSL
Channels
1
MSC
Channels
2
Ethernet
Channels
1
ASIL
Level
up to ASIL-D
FCE
Modules
1
Safety
Support
SMU
1
IOM
1
ADAS
No
Embedded Voltage Regulator
DCDC from 5 V/ 3.3 V to 1.3 V
Yes
LDO from 5 V / 3.3 V to 1.3 V
Yes
LDO from 5 V to 3.3 V
Yes
Low Power Features
Standby RAM
Yes
Packages
Type
PG-LQFP-144-22 / PG-LQFP-176-
22 / PG-LFBGA-292-6
I/O
Type
5 V CMOS / 3.3 V CMOS / LVDS
Tambient
Range
-40 ... + 150°C
1) Address range starts at lowest address defined in the User’s Manual. For reference see the Memory Maps chapter of the
User’s Manual.
2) To ensure the processor cores are provided with a constant stream of instructions the Instruction Fetch Units will
speculatively fetch instructions from the up to 64 bytes ahead of the current PC.
If the current PC is within 64 bytes of the top of an instruction memory the Instruction Fetch Unit may attempt to
speculatively fetch instruction from beyond the physical range. This may then lead to error conditions and alarms being
triggered by the bus and memory systems.
It is therefore recommended that the upper 64 bytes of any memory be unused for instruction storage.
Table 1-1
Overview of TC 260 / 264 / 265 / 267 Functions
Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com