Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM311AG-M-R Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM311AG-M-R
Description  LOW POWER SINGLE VOLTAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM311AG-M-R Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM311AG-M-R Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM311AG-M-R Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM311AG-M-R Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM311AG-M-R Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM311AG-M-R Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LOW POWER SINGLE VOLTAGE
COMPARATOR
DESCRIPTION
The
HM311/A/B/C consists of a low power voltage
comparator designed specifically to operate from a single supply
over a wide range of voltages. Operation from split power supplies is
also possible.
This comparator also has a unique characteristic in that the input
common-mode voltage range includes ground even though operated
from a single power supply voltage.
FEATURES
* Wide single supply voltage range or dual supplies +2V~+36V or
±1V~±18V
* Very low supply current (0.2mA) independent of supply voltage
(1mW /comparator at +5V)
* Low input bias current: 25nA typ.
* Low input offset current: ±5nA typ.
* Low input offset voltage: ±1mV typ
* Input common-mode voltage range includes ground.
* Low output saturation voltage: 250mV typ.(IOUT=4mA).
* Differential input voltage range equal to the supply voltage.
* TTL, DTL, ECL, CMOS Compatible outputs.
ORDERING INFORMATION
Ordering Number
Package
Packing
HM311G-M-R
SOT-25
Tape Reel
HM311AG-M-R
SOT-25
Tape Reel
HM311BG-M-R
SOT-25
Tape Reel
HM311CG-M-R
SOT-25
Tape Reel
HM311G-U-R
SOT-353
Tape Reel
HM311AG-U-R
SOT-353
Tape Reel
HM311BG-U-R
SOT-353
Tape Reel
HM311CG-U-R
SOT-353
Tape Reel
U
HM311
M
U
HM311


Similar Part No. - HM311AG-M-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
Low noise charge pump DC/DC converter
HM3110B HMSEMI-HM3110B Datasheet
842Kb / 9P
0.8A 150KHz 80V step-down DC-DC converter
HM3111 HMSEMI-HM3111 Datasheet
1Mb / 10P
Low voltage 5V DC motor drive
HM3112B HMSEMI-HM3112B Datasheet
1Mb / 7P
2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
HM3113A HMSEMI-HM3113A Datasheet
870Kb / 10P
40V, 3.5A CC and CV Synchronous Step-Down DC/DC Converter
More results

Similar Description - HM311AG-M-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
Low Power Single Voltage Comparator
Jan-2006
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
Low power single voltage comparator
21-Nov-2007
logo
Unisonic Technologies
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
ON Semiconductor
TS391 ONSEMI-TS391 Datasheet
69Kb / 5P
Low Power Single Voltage Comparator
December, 2015 ??Rev. 4
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com