Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9002 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9002
Description  300mA CMOS LDO with Enable & Power Good
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9002 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9002 series
2-2
2004/09 rev. B
Absolute Maximum Rating
Input Supply Voltage
Vin
+7
V
Enable Input Voltage
Vce
Gnd-0.3 ~ Vin+0.3
V
Output Current
Io
Pd / (Vin – Vout)
Power Dissipation
PD
380
mW
Thermal Resistance
Өja
260
oC/W
Operating Junction Temperature Range
Tj
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
Caution
: Stress above the listed absolute rating may cause permanent damage to the device
.
Electrical Characteristics
(Ta = 25
oC, Io=0.1mA, Cout=2.2uF, Vce≥2V; Vin >2.7V & Io<150mA for 1.2V output type, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Vin=Vo + 1V
Vout > 1.5V
0.985|Vo|
1.015|Vo|
Output Voltage
Vin=2.7V
Vout <1.5V
0.970|Vo|
1.030|Vo|
V
Vout Temperature Coefficient
--
30
--
ppm/
oC
Vin=Vo + 1V
Vout > 1.5V
300
--
--
Maximum Output Current
Vin=2.7V
Vout <1.5V
150
--
--
mA
Line Regulation
Vo+1V
≤ Vin ≤ Vo+2V
--
--
0.3
%
Load Regulation
Vin=Vo+1V, 1mA
≤IL≤300mA
--
0.2
1.0
Load Regulation (1.2V output)
Vin=2.7V, 1mA
≤IL≤150mA
--
1
4.0
%
Vout
≥2.0V
--
300
400
Dropout Voltage
Io=300mA,
Vout=Vo - 2%
Vout<2.0V
--
800
1300
mV
Quiescent Current
Vin
≤0.4V (shutdown)
--
1
2
uA
Vout > 1.5V
--
30
50
Quiescent Current
Vout
≥0.4V,
Io=0mA
Vout <1.5V
--
50
80
uA
Vout > 1.5V
--
450
--
Output Current Limit
Vout=0V
Vout <1.5V
--
350
--
mA
At f=1kHz,
--
50
--
Power Supply Rejection Ratio
Io=100mA,
At f=10kHz,
--
20
--
dB
Output Noise
Io=10mA, f=10Hz to 100kHz,
--
30
--
uVrms
Enable Input
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.4
V
Enable Input Logic-High Voltage
Regulation enable
2.0
--
--
V
VIL≤0.4V
--
--
0.5
Enable Input Current
VIL≥2.0V
--
--
0.1
uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com