Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9000ASCT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9000ASCT
Description  300mA CMOS Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9000ASCT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9000ASCT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9000ASCT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9000ASCT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9000ASCT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS9000/A series
1-4
2003/12 rev. B
TS9000/TS9000A
300mA CMOS Low Dropout Voltage Regulator
General Description
The TS9000/TS9000A series is a positive voltage regulator developed utilizing CMOS technology featured low quiescent
current, low dropout voltage and high output voltage accuracy. Built in low on-resistor provides low dropout voltage and
large output current. A 2.2uF or greater can be used as an output capacitor.
The TS9000/TS9000A series are prevented device failure under the worst operation condition with both thermal
shutdown and current fold-back. These series are recommended for configuring portable devices and large current
application, respectively.
This series are offered in 3-pin TO-92, SOT-89 and SOT-23 package.
Features
Dropout voltage typically 0.4V @Io=300mA
Output current up to 300mA
Low quiescent current
Output voltage trimmed before assembly
Internal current limit
Thermal shutdown protection
Applications
Battery power equipment
Personal communication devices
Home electronic appliances
PC peripherals
CD-ROM
Digital signal camera
Ordering Information
Note: Where x denotes voltage option, available are
K
=2.5V,
M
=2.7V,
N
=2.8V,
P
=3.0V,
S
=3.3V,
U
=3.5V,
V
=3.6V,
X
=3.8V.
Contact factory for additional voltage options.
Part No.
Operating Temp.
(Ambient)
Package
TS9000xCT
TO-92
TS9000xCX
SOT-23
TS9000xCY
SOT-89
TS9000AxCT
TO-92
TS9000AxCX
SOT-23
TS9000AxCY
-40 ~ +85
oC
SOT-89
Block Diagram
Typical Application Circuit
Pin assignment
TS9000
1.
Gnd
2.
Input
3.
Output
TS9000A
1.
Input
2.
Gnd
3.
Output
Pin assignment
TS9000
1.
Gnd
2.
Input
3.
Output
TS9000A
1.
Output
2.
Gnd
3.
Input
Pin assignment
TS9000
1.
Input
2.
Output
3.
Gnd
TS9000A
1.
Gnd
2.
Output
3.
Input


Similar Part No. - TS9000ASCT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
276Kb / 6P
300mA CMOS LDO
TS9000 TSC-TS9000_07 Datasheet
276Kb / 6P
300mA CMOS LDO
More results

Similar Description - TS9000ASCT

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
Low Dropout 300mA CMOS Regulator
logo
Leshan Radio Company
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
Low Dropout Voltage 300mA CMOS LDO Regulator
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
Low Dropout Voltage 300mA CMOS LDO Regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
300mA Low Dropout CMOS Positive Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
300mA low dropout CMOS voltage regulator
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
300mA low dropout CMOS voltage regulator
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
A6304A AITSEMI-A6304A Datasheet
821Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com