Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1746949 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1746949
Description  Base strip - MSTBA 2,5/11-G-5,08 BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746949 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1746949 Datasheet HTML 1Page - PHOENIX CONTACT 1746949 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1746949
03/24/2014   Page 1 / 2
Base strip - MSTBA 2,5/11-G-5,08 BK - 1746949
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 11, Pitch: 5.08 mm, Color:
black, Contact surface: Tin, Assembly: Soldering
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
5.09 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
50.8 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
MSTBA 2,5/..-G
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Maximum load current
12 A
Inflammability class according to UL 94
V0
Color
black
Number of positions
11
Classifications
eCl@ss
eCl@ss 4.0
272607xx


Similar Part No. - 1746949

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
174694600 TEKTRONIX-174694600 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
logo
TEKTRONIX, INC
17469460X KEITHLEY-17469460X Datasheet
4Mb / 16P
2461 SourceMeter ® SMU Instrument
082821
More results

Similar Description - 1746949

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1740408 PHOENIX-1740408 Datasheet
68Kb / 4P
Base strip - MSTBA 2,5/ 6-G-5,08 BK
1740518 PHOENIX-1740518 Datasheet
67Kb / 4P
Base strip - MSTBA 2,5/ 3-G-5,08 BK
1757297 PHOENIX-1757297 Datasheet
196Kb / 11P
Base strip - MSTBA 2,5/ 7-G-5,08
1757310 PHOENIX-1757310 Datasheet
194Kb / 11P
Base strip - MSTBA 2,5/ 9-G-5,08
1757323 PHOENIX-1757323 Datasheet
196Kb / 11P
Base strip - MSTBA 2,5/10-G-5,08
1757336 PHOENIX-1757336 Datasheet
189Kb / 11P
Base strip - MSTBA 2,5/11-G-5,08
1757349 PHOENIX-1757349 Datasheet
188Kb / 11P
Base strip - MSTBA 2,5/12-G-5,08
1757378 PHOENIX-1757378 Datasheet
186Kb / 10P
Base strip - MSTBA 2,5/15-G-5,08
1894419 PHOENIX-1894419 Datasheet
48Kb / 2P
Base strip - MSTBA 2,5/ 5-G-5,08 BK AU
1966680 PHOENIX-1966680 Datasheet
42Kb / 2P
Base strip - MSTBA 2,5 HC/11-G-5,08 BK NZ
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com