Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9011ACT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011ACT
Description  250mA CMOS Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011ACT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9011ACT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011ACT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011ACT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011ACT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS9011 series
1-4
2003/12 rev. D
TS9011
250mA CMOS Low Dropout Voltage Regulator
Low Power Consumption 2uA
Low Drop Out Voltage 0.4V
General Description
The TS9011 series is a positive voltage regulator developed utilizing CMOS technology featured very low power
consumption, low dropout voltage and high output voltage accuracy. Built in low on-resistor provides low dropout voltage
and large output current. A 1uF or greater can be used as an output capacitor.
The TS9011 series are prevented device failure under the worst operation condition with both thermal shutdown and
current fold-back. These series are recommended for configuring portable devices and large current application,
respectively.
This series are offered in 3-pin TO-92, SOT-89 and SOT-23 package.
Features
Dropout voltage typically 0.38V @Io=200mA (Vo=5V)
Output current up to 250mA
Low power consumption, 2uA(typ) @Vo=5V
Output voltage +/-2%
Internal current limit
Thermal shutdown protection
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
CD-ROM
Digital signal camera
Ordering Information
Note: Where
x denotes voltage option, available are
A = 1.5V, D=1.8V, K=2.5V, S=3.3V, 5=5.0V.
Contact factory for additional voltage options.
Part No.
Operating Temp.
(Ambient)
Package
TS9011
xCT
TO-92
TS9011
xCX
SOT-23
TS9011
xCY
-20 ~ +85
oC
SOT-89
Block Diagram
Typical Application Circuit
Pin assignment
TO-92 & SOT-89
1.
Gnd
2.
Input
3.
Output
SOT-23
1.
Gnd
2.
Out
3.
Input


Similar Part No. - TS9011ACT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011ACXRFG TSC-TS9011ACXRFG Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
More results

Similar Description - TS9011ACT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
250mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
250mA LOW DROPOUT VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
250mA Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
250mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
250mA CMOS Low Dropout Voltage Low consumption Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com