Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1307Z Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1307Z
Description  64 X 8 Serial Real Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1307Z Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1307Z Datasheet HTML 1Page - Dallas Semiconductor DS1307Z Datasheet HTML 2Page - Dallas Semiconductor DS1307Z Datasheet HTML 3Page - Dallas Semiconductor DS1307Z Datasheet HTML 4Page - Dallas Semiconductor DS1307Z Datasheet HTML 5Page - Dallas Semiconductor DS1307Z Datasheet HTML 6Page - Dallas Semiconductor DS1307Z Datasheet HTML 7Page - Dallas Semiconductor DS1307Z Datasheet HTML 8Page - Dallas Semiconductor DS1307Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1307/1308
2 of 14
DESCRIPTION
The DS1307 Serial Real Time Clock is a low power, full BCD clock/calendar plus 56 bytes of
nonvolatile SRAM.
Address and data are transferred serially via a 2-wire bi-directional bus.
The
clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The end of the
month date is automatically adjusted for months with less than 31 days, including corrections for leap
year. The clock operates in either the 24-hour or 12-hour format with AM/PM indicator. The DS1307
has a built-in power sense circuit which detects power failures and automatically switches to the battery
supply.
The DS1308 incorporates the DS1307 chip with a 32.768 kHz crystal in a surface mountable, 36-pin ball
grid array package (BGA). The close proximity of the embedded crystal to the high impedance crystal
input pins on the DS1307 minimizes capacitive loading and noise injection problems associated with
many other oscillator designs. The total area required for installation is less than that of one United States
dime: thus, minimizing PCB space required.
OPERATION
The DS1307/1308 operates as a slave device on the serial bus. Access is obtained by implementing a
START condition and providing a device identification code followed by a register address. Subsequent
registers can be accessed sequentially until a STOP condition is executed. When VCC falls below 1.25 x
VBAT the device terminates an access in progress and resets the device address counter. Inputs to the
device will not be recognized at this time to prevent erroneous data from being written to the device from
an out of tolerance system. When VCC falls below VBAT the device switches into a low current battery
backup mode. Upon power up, the device switches from battery to VCC when VCC is greater than VBAT
+0.2V and recognizes inputs when VCC is greater than 1.25 x VBAT. The block diagram in Figure 1 shows
the main elements of the Serial Real Time Clock.
DS1307/DS1308 BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com