Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS29102CS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS29102CS
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29102CS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS29102CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29102CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29102CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29102CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29102CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29102CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29102CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29102CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS29100/1/2
5-5
2003/12 rev. A
Pin Assignment
Pin No.
TS29100
TS29101
TS29102
Pin
Configuration
Pin
Description
1
1
Enable
Enable (input): TTL/COMS compatible input. Logic high
is enable; logic low or open is shutdown
1
2
2
Input
Unregulated input: +26V maximum supply
2
5,6,7,8
5,6,7,8
Ground
Ground: Ground pin and TAB/heatsink are internally
connected.
3
3
3
Output
Regulator output
4
Flag
Error Flag (output): Open-collector output. Active low
indicates an output fault condition.
4
Adjust
Adjustment input: Feedback input. Connect to resistive
voltage-divider network.
Typical Application Circuit
TS29100
TS29101
TS29102



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com