Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1802 Datasheet(PDF) 21 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1802
Description  Synchronous switching type 2A lithium battery charging
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1802 Datasheet(HTML) 21 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1802 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
REV_2.0
封装描述
4mm*4mm 24 引脚 QFN 封装
Min
TYP
Max
A
0.70
0.75
0.80
A1
0.00
−
0.05
A3
b
0.20
0.25
0.30
D
3.90
4.00
4.10
E
3.90
4.00
4.10
D1
2.20
2.40
2.50
E1
2.20
2.40
2.50
e
K
0.20
L
0.30
0.40
0.50
Size
Symbol
Min
TYP
Max
0.203REF
0.50TYP
−
−
Size
Symbol
注:上述为芯片尺寸,建议
PCB 中 QFN24 的库文件引脚长度大于芯片长度,便于焊接。
版本历史
日期
版本说明
版本
2015.5.20
第一版
Rev1.0
2015.9.16
修改部分指标上下不一致;电路图中加引脚标号。
Rev1.1
2016.1.15
版本升级。
Rev2.0
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com