Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS29101CS3.3 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS29101CS3.3
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29101CS3.3 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS29101CS3.3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29101CS3.3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29101CS3.3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29101CS3.3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29101CS3.3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29101CS3.3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29101CS3.3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29101CS3.3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS29100/1/2
2-2
2003/12 rev. A
Electrical Characteristics
Vin = Vout + 1V, Venable= 2.4V, IL = 10mA, Co = 10uF, Adjustable versions are programmed to 5V output, Ta = 25
oC
unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
0.990|Vo|
1.010|Vo|
Output Voltage
10mA
≤ IL ≤ 1.0A,
Vo+1V
≤ Vin ≤ 26V
0.980|Vo|
12 / 5.0
3.3/ 2.5
1.020|Vo|
V
Input Supply Voltage
--
--
26
V
Output Voltage Temperature
Coefficient
--
20
100
ppm/
oC
Line Regulation
Vo+1V
≤ Vin ≤ 26V
--
0.05
0.5
%
Load Regulation
10mA
≤ IL ≤ 1.0A
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=500mA
IL=1.0A
--
--
--
100
200
400
200
600
mV
Quiescent Current (Note 5)
IL=500mA
IL=1.0A
--
--
4
10
--
20
mA
Short Circuit Current (Note 6)
Vout=0
--
2.0
--
A
Output Noise,
10Hz to 100KHz, IL=100mA
CL=2.2uF
CL=10uF
CL=33uF
--
--
--
600
400
260
--
--
--
uVrms
Reference (TS29102CS)
Reference Voltage
0.980|Vo|
1.020|Vo|
Reference Voltage
10mA
≤ IL ≤ 1.5A,
2.3V
≤ Vin ≤ 26V
0.970|Vo|
1.24
1.030|Vo|
V
Adjust Pin Bias Current
--
40
80
nA
Reference Voltage Temperature
Coefficient
(Note 7)
--
20
--
ppm/
oC
Adjust Pin Bias Current
Temperature Coefficient
--
0.1
--
nA/
oC
Flag Output (TS29101CS)
Output Leakage Current
VOH=26V
--
--
2
uA
Output Low Voltage
Vin=4.5V, IOL=250uA
--
--
300
mV
Upper Threshold Voltage
(Note 8)
40
60
--
mV
Lower Threshold Voltage
(Note 8)
--
75
95
mV
Hysteresis
(Note 8)
--
15
--
mV
Enable Input (TS29101 / TS29102)
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.4
--
--
V
Ven=26V
--
--
750
Enable Pin Input Current
Ven=0.8V
--
--
5
uA
Regulator Output Current
Shutdown
Ven
≤ 0.8V, Vin ≤ 26V,
Vout=0
--
10
500
uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com