Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS29101CS2.5 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS29101CS2.5
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29101CS2.5 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS29101CS2.5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29101CS2.5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29101CS2.5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29101CS2.5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29101CS2.5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29101CS2.5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29101CS2.5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29101CS2.5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS29100/1/2
7-7
2003/12 rev. A
Application Information (continues)
Power SOP-8 Thermal Characteristics
TS29101/2 series’ performance is its power SOP-8
package featuring half the thermal resistance of a
standard SOP-8 package. Lower thermal resistance
means more output current or higher input voltage for
a given package size.
Lower thermal resistance is achieved by connect the
four ground pins with the die attached pad to create a
single piece electrical and thermal conductor. This
concept have been used by MOSFET production for
years, proving very reliable and cost effective for the
user. As under:
Thermal resistance consists of two main elements, Θjc
(junction to case) and Θca (case to ambient). Using the
power SOP-8 reduces Θca, the total thermal
resistance, Θja (junction to ambient) is the limiting
factor in calculating the maximum power dissipation
capability of the device. Typically, the power SOP-8
have a Θjc of 20
oC/W dramatically , this is significantly
lower than the standard SOP-8 which is typically
75
oC/W. Θca is reduced because pin 5~8 can be
soldered directly to a ground plane which significantly
reduces the case to sink and sink to ambient thermal
resistance.
Power Dissipation
From under curves, the minimum area of copper
necessary for the par to operate safely can be
determined. The maximum allowable temperature rise
must be calculated to determine operation along which
curve.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com