Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS29102CS2.5 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS29102CS2.5
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29102CS2.5 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS29102CS2.5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29102CS2.5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29102CS2.5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29102CS2.5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29102CS2.5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29102CS2.5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29102CS2.5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29102CS2.5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS29100/1/2
1-1
2003/12 rev. A
TS29100/1/2
1.0A Ultra Low Dropout Positive Voltage Regulator
Low Dropout Voltage 0.4V typ.
Enable Input Control
Adjustable Output
Error Flag Detection
General Description
The TS29100/1/2 series are using process with a PNP pass element for high current, high accuracy and low dropout
voltage regulators. These regulator s feature 400mV(typ) dropout voltages and very low ground current, these devices
also find applications in lower current and low dropout critical systems, where their tiny dropout voltage and ground
current values are important attributes.
The TS29100/1/2 series are fully protected against over current faults, reversed input polarity, reversed lead insertion,
over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which
signals whenever the output falls out of regulation.
On the TS29101 and TS29102, the enable pin may be tied to Vin if it is not required for enable control. This series are
offered in 3-pin SOT-223 and 8-pin SOP pacakge.
Features
Dropout voltage typically 0.4V @Io=1.0A
Output current up to 1.0A
Low ground current
Output voltage trimmed before assembly
Extremely fast transient response
+60V Transient peak voltage
-20V Reverse peak voltage
Zero current shutdown mode
Error flag signals output out of regulation
Internal current limit
Thermal shutdown protection
Ordering Information
Note: Where xx denotes voltage option, available are
12V, 5.0V, 3.3V and 2.5V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Part No.
Operating Temp.
(Junction)
Package
TS29100CWxx
SOT-223
TS29101CSxx
TS29102CSxx
TS29102CS
-40 ~ +125
oC
SOP-8
Applications
Battery power equipment
Automotive electronics
High efficiency “Green” computer system
High efficiency linear power supplies
High efficiency post regulator for switching supply
Absolute Maximum Rating (Note 1)
Input Supply Voltage (Note 2)
Vin
-20V ~ +60
V
Operation Input Voltage
Vin (operate)
26
V
Power Dissipation (Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S


Similar Part No. - TS29102CS2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS29150 TSC-TS29150 Datasheet
468Kb / 11P
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
logo
List of Unclassifed Man...
TS29150CM ETC1-TS29150CM Datasheet
124Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150CM TSC-TS29150CM Datasheet
120Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Similar Description - TS29102CS2.5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
1.0A Low Dropout Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
1.0A Low Dropout Positive Voltage Regulator
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
1.0A Low Dropout Positive Voltage Regulator
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com