Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSCD114D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSCD114D
Description  NPN Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSCD114D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSCD114D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCD114D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCD114D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCD114D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSCD114D
2-4
2003/12 rev. A
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Vcc= 5V, Io= 100uA
Vin(off)
--
--
0.3
V
Input Voltage
Vo= 0.3V, Io= 1mA
Vin(on)
3
--
--
V
Output Voltage
Io/Iin= 5mA/ 0.25mA
Vo(on)
--
0.1
0.3
V
Input Current
Vin= 5V
Iin
--
--
0.88
mA
Output Current
Vcc= 50V, Vin= 0V
Io(off)
--
--
0.5
uA
DC Current Gain
Vo= 5V, Io= 5mA
Gi
68
--
--
Input Resistance
R1
|0.7|
10
|1.3|
KΩ
Resistance Ratio
R2/R1
|0.8|
4.7
|1.2|
Transition Frequency
Vce= 10V, Ie= 5mA,
f= 100MHz (note 1)
ft
--
250
--
MHz
Note : 1. Transition frequency of the device.
2. Pulse test: pulse width <=380uS, duty cycle <=2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com