Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSCD144C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSCD144C
Description  Dual NPN Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSCD144C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSCD144C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCD144C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCD144C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCD144C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSCD144C
1-4
2003/12 rev. B
TSCD144C
Dual NPN Digital Transistor
Vcc = 50V
Vin = - 10V ~ +12V
Io = 100mA(max.)
Features
Build-in bias resistor enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit)
The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input. The also have the advantage of almost
completely eliminating parasitic effects.
Only the on/off conditions need to be set for operation,
making device design easy.
Two TSC144C chips in a SOT-363 package
Transistor elements are independent, eliminating
interference
Complements the TSAD144C
Ordering Information
Part No.
Packing
Package
TSCD144CCU6
Tape & Reel
SOT-363
Note: the build-in resistor value type, option as
No.
Re (KΩ)
R (KΩ)
Marking
TR 1
47
47
TR 2
47
47
7C
Equivalent Circuit
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Supply Voltage
Vcc
50
V
Input Voltage
Vin
- 10 ~ +12
V
DC
100
Output Current
Pulse
Io
100
mA
Power Dissipation (note)
PD
200
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 300uS, Duty <= 2%
2. 150mW per element must not be exceeded.
Pin assignment:
1. TR1 Gnd (Emitter)
2. TR1 Input (Base)
3. TR2 Output (Collector)
4. TR2 Gnd (Emitter)
5. TR2 Input (Base)
6. TR1 Output (Collector)


Similar Part No. - TSCD144C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSCD143K TSC-TSCD143K Datasheet
135Kb / 4P
NPN Digital Transistor
TSCD143KCU6 TSC-TSCD143KCU6 Datasheet
135Kb / 4P
NPN Digital Transistor
logo
TAITRON Components Inco...
TSCD14WS TAITRON-TSCD14WS Datasheet
270Kb / 4P
1.0A Low Profile Chip Schottky Rectifier
More results

Similar Description - TSCD144C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
digital transistor (NPN NPN)
UMD3N HTSEMI-UMD3N Datasheet
481Kb / 1P
DUAL DIGITAL TRANSISTOR (NPN PNP)
logo
Taiwan Memory Technolog...
UMH11N TMT-UMH11N Datasheet
150Kb / 2P
DUAL Digital Transistor(NPNNPN)
logo
Taiwan Semiconductor Co...
UMH11N TSC-UMH11N Datasheet
150Kb / 2P
DUAL Digital Transistor(NPNNPN)
logo
Leshan Radio Company
LUMG2NT1G LRC-LUMG2NT1G_15 Datasheet
657Kb / 3P
Dual NPN Digital Transistor
logo
Jiangsu Changjiang Elec...
UMF21N JIANGSU-UMF21N Datasheet
1Mb / 4P
DUAL DIGITAL TRANSISTOR (NPNPNP)
logo
Leshan Radio Company
LUMG2NT1G LRC-LUMG2NT1G Datasheet
657Kb / 3P
Dual NPN Digital Transistor
logo
First Silicon Co., Ltd
UMC5N FS-UMC5N Datasheet
497Kb / 4P
EPITAXIAL PLANAR NPNPNP Dual Digital Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com