Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13055 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13055
Description  ~170째 side emitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13055 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13055 Datasheet HTML 1Page - Ledil, Inc. C13055 Datasheet HTML 2Page - Ledil, Inc. C13055 Datasheet HTML 3Page - Ledil, Inc. C13055 Datasheet HTML 4Page - Ledil, Inc. C13055 Datasheet HTML 5Page - Ledil, Inc. C13055 Datasheet HTML 6Page - Ledil, Inc. C13055 Datasheet HTML 7Page - Ledil, Inc. C13055 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
C13055_EMMA-360
EMMA-360
~170° side emitter
TECHNICAL SPECIFICATIONS:
Dimensions
9.9 mm
Height
5.7 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
EMMA-360
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13055_EMMA-360
» Box size:
5000
300
100
1.6
Last update: 20/02/2020
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/8


Similar Part No. - C13055

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13055 CREE-C13055 Datasheet
1Mb / 23P
Emma series
More results

Similar Description - C13055

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15902 LEDIL-CA15902 Datasheet
2Mb / 7P
~190째 side emitter beam
C11518 LEDIL-C11518 Datasheet
1Mb / 4P
~170째 wide area beam
C12353 LEDIL-C12353 Datasheet
2Mb / 4P
~90째 170째 wide area beam
CA11519 LEDIL-CA11519 Datasheet
2Mb / 5P
~170째 wide area beam. Assembly with installation tape.
CA12396 LEDIL-CA12396 Datasheet
1Mb / 4P
~90째 170째 wide area beam. Assembly with installation tape.
D12114 LEDIL-D12114 Datasheet
2Mb / 4P
Side emitter beam
DA12115 LEDIL-DA12115 Datasheet
2Mb / 4P
Side emitter beam. Assembly with installation tape.
C11249 LEDIL-C11249 Datasheet
1Mb / 7P
Side emitter beam
CA11248 LEDIL-CA11248 Datasheet
1Mb / 7P
Side emitter beam
logo
Advanced Photonix, Inc.
SLED-56-16639 ADVANCEDPHOTONIX-SLED-56-16639 Datasheet
95Kb / 1P
IR Side Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com