Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA14366 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14366
Description  34 x 33 mm lens with ~100째 x 15째 oval beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14366 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14366 Datasheet HTML 1Page - Ledil, Inc. CA14366 Datasheet HTML 2Page - Ledil, Inc. CA14366 Datasheet HTML 3Page - Ledil, Inc. CA14366 Datasheet HTML 4Page - Ledil, Inc. CA14366 Datasheet HTML 5Page - Ledil, Inc. CA14366 Datasheet HTML 6Page - Ledil, Inc. CA14366 Datasheet HTML 7Page - Ledil, Inc. CA14366 Datasheet HTML 8Page - Ledil, Inc. CA14366 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
CA14366_FLARE-MAXI-TAPE
FLARE-MAXI-TAPE
34 x 33 mm lens with ~100° x 15° oval beam.
Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
33.9 x 33.3 mm
Height
16.9 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
FLARE-MAXI
Single lens
PMMA
clear
FLARE-MAXI-TAPE
Tape
PU tape
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA14366_FLARE-MAXI-TAPE
» Box size:
Single lens
864
144
72
9.7
Last update: 12/07/2018
Subject to change without prior notice
Published: 13/09/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/11


Similar Part No. - CA14366

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA14366 CREE-CA14366 Datasheet
976Kb / 15P
Flare series
More results

Similar Description - CA14366

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14403 LEDIL-CA14403 Datasheet
2Mb / 5P
~40째 x 15째 oval beam
CP12857 LEDIL-CP12857 Datasheet
1Mb / 4P
~40째 x 15째 oval beam optimized
C12763 LEDIL-C12763 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
C12868 LEDIL-C12868 Datasheet
5Mb / 11P
34 x 33 mm lens with ~100째 x 15째 oval beam
C13015 LEDIL-C13015 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
CA10932 LEDIL-CA10932 Datasheet
7Mb / 9P
29 x 23 mm lens with ~100째 x 10째 oval beam
CA12764 LEDIL-CA12764 Datasheet
3Mb / 9P
~100째 x 20째 oval beam
CA13058 LEDIL-CA13058 Datasheet
6Mb / 9P
~100째 x 20째 oval beam
CA13637 LEDIL-CA13637 Datasheet
3Mb / 7P
~15째 x 40째 oval beam
FA11204 LEDIL-FA11204 Datasheet
2Mb / 7P
~35째 x 15째 oval beam.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com