Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1750171 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1750171
Description  Printed-circuit board connector - GSTB 3/ 3-ST-7,62
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750171 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1750171 Datasheet HTML 1Page - PHOENIX CONTACT 1750171 Datasheet HTML 2Page - PHOENIX CONTACT 1750171 Datasheet HTML 3Page - PHOENIX CONTACT 1750171 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1750171
11.10.2012   Page 1 / 4
Printed-circuit board connector - GSTB 3/ 3-ST-7,62 - 1750171
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 20 A, Number of positions: 3, Pitch: 7.62 mm, Connection method:
Screw connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1
Minimum order quantity
1
GTIN
Custom tariff number
85369010
Country of origin
POLAND
Technical data
Dimensions / positions
Pitch
7.62 mm
Number of positions
3
Screw thread
M3
Technical data
Range of articles
GSTB 3
Connection in acc. with standard
EN-VDE
Nominal current IN
20 A
Nominal voltage UN
500 V
Nominal cross section
2.5 mm²
Stripping length
8 mm
Nominal voltage, UL/CUL Use Group B
250 V
Nominal current, UL/CUL Use Group B
10 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
10 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Minimum AWG according to UL/CUL
30
Maximum AWG according to UL/CUL
14


Similar Part No. - 1750171

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1750177 PHOENIX-1750177 Datasheet
441Kb / 10P
MCDNV 1,5/ 9-G1-3,81 P14THR - PCB header
More results

Similar Description - 1750171

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716519 PHOENIX-1716519 Datasheet
97Kb / 5P
Printed-circuit board connector - DFK-PC 5/ 3-ST-7,62
1709050 PHOENIX-1709050 Datasheet
87Kb / 5P
Printed-circuit board connector - IPC 5/ 3-ST-7,62
1832426 PHOENIX-1832426 Datasheet
93Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 3-ST-7,62
1832536 PHOENIX-1832536 Datasheet
97Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 3-ST-7,62
1700455 PHOENIX-1700455 Datasheet
76Kb / 4P
Printed-circuit board connector - GFKC 2,5 HC/ 3-ST-7,62
1703245 PHOENIX-1703245 Datasheet
53Kb / 3P
Printed-circuit board connector - GMVSTBR 2,5/ 3-ST-7,62 GY7035
1776342 PHOENIX-1776342 Datasheet
45Kb / 3P
Printed-circuit board connector - SPC 5/ 3-ST-7,62 BK
1859920 PHOENIX-1859920 Datasheet
54Kb / 4P
Printed-circuit board connector - PC 4/ 3-ST-7,62 BK
1806122 PHOENIX-1806122 Datasheet
181Kb / 12P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 3-ST-7,62
09/12/2020
1993954 PHOENIX-1993954 Datasheet
122Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5 HV/ 3-ST-7,62
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com