Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2321 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2321
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2321 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM2321 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2321 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TSM2321
5-5
2005/06 rev. A
SOT-23 Mechanical Drawing
D
C
A
E
B
G
F
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.88
2.91
0.113
0.115
B
0.39
0.42
0.015
0.017
C
1.78
2.03
0.070
0.080
D
0.51
0.61
0.020
0.024
E
1.59
1.66
0.063
0.065
F
1.04
1.08
0.041
0.043
G
0.07
0.09
0.003
0.004



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com