Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2809DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2809DR
Description  P-Channel 60V(D-S)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2809DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2809DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2809DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2809DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2809DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2809DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
02
Jun, 2013-Ver1.1
Symbol
Parameter
Limit
Min Typ
Max
Unit
STATIC
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250μA
-60
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250μA
-1
-
2.5
V
IGSS
Gate Leakage Current
VDS=0V, VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=-60V, VGS=0V
-10
μ
A
RDS(ON)
Drain-Source On-Resistance
VGS=-10V, ID= -
2.2A
188
mΩ
VGS=-4.5V, ID= -1.4A
26
6
VSD
Diode Forward Voltage
IS=-1.2A, VGS=0V
-1.2
V
DYNAMIC
Qg
Total Gate Charge
VDS=-48, VGS=-4.5V, ID=-1A
6.3
nC
Qgs
Gate-Source Charge
2.3
Qgd
Gate-Drain Charge
1.8
Rg
Gate Resistance
VDS=0V, VGS=0V,f=1MHz
9.8
Ω
td(on)
Turn-On Delay Time
VDS=-30V, RL =30Ω
RGEN=3.3Ω, VGS=-10V
ID=-1A
20
ns
tr
Turn-On Rise Time
33.1
td(off)
Turn-Off Delay Time
5.2
tf
Turn-Off Fall Time
3.8
Ciss
Input Capacitance
VDS=-25V, VGS=0V,f=1MHz
364
pF
Coss
Output Capacitance
41
Crss
Reverse Transfer Capacitance
12
Notes: a. Based on epoxy or solder paste and bond wire Au or Cu 2mil×2(S), Au or Cu 2mil×1 (G) on each die of SOT-23 (SC-59) package.
b. Pulse test; pulse width ≦ 300us, duty cycle≦ 2%.
c.
H&M SEMI reserves the right to improve product design, functions and reliability without notice.
Electrical Characteristics (Tj =25℃ Unless Otherwise Specified)
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
P-Channel 60V(D-S)
HM2809DR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com