Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3135 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3135
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3135 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3135 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuits, Vcc = 60V, T =TLOW to THIGH, unless
otherwise specified, see note 2)
Control Function Section
TLEB
Current Sense
Leading
Edge Blanking Time
(Note 2)
200
ns
Ton_min
Minimum On Time
(Note 2)
300
ns
Ton_max
Maximum On Time
10
12
14
us
Tss
Internal Soft Start Time
(Note 2)
5
ms
Ilimit
Normal Peak Current Limit
380
420
460
mA
530
600
650
mA
IOC_th
Over Current Protection
Threshold
Note 2
650
mA
(Note 2)
800
mA
Fclk
Internal Frequency Clock
56
61
66
kHz
BVDSS
MOSFET
Break
Down
Voltage
200
V
Rds_on
Steady State Conduction
Resistance
1
Ohm
1
Over Temperature
TSD
Thermal Shut Down
(Note 2)
140
oC
TRC
Thermal Recovery
(Note 2)
130
oC
Note1. Stresses listed as the above "Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to maximum rating conditions for extended periods may
remain possibility to affect device reliability.
Note2. It’s guaranteed by design and functionally tested during production manufacture.
HM3135
HM3135P
HM3135
HM3135
HM3135P
HM3135P
Ohm
Fclk
Internal Frequency Clock
70
80
95
kHz
HM3134
HM3135
DC-DC CONVERTER CONTROL CIRCUITS
HM3135
Data Sheet
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com