Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4835CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4835CS
Description  30V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4835CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4835CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4835CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4835CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4835CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4835CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM4835
1-5
2003/12 rev. A
TSM4835
30V P-Channel Enhancement Mode MOSFET
VDS = - 30V
RDS (on), Vgs @ - 10V, Ids @ - 9.5A =18mΩ
RDS (on), Vgs @ - 4.5V, Ids @ - 7.5A =30mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
High gate voltage
Ordering Information
Part No.
Packing
Package
TSM4835CS
Tape & Reel
SOP-8
Block Diagram
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 25
V
Continuous Drain Current, VGS @4.5V.
ID
- 9.5
A
Pulsed Drain Current, VGS @4.5V
IDM
- 50
A
Ta = 25
oC
2.5
W
Maximum Power Dissipation
Ta > 25
oC
PD
1.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
50
oC/W
Note: Surface mounted on FR4 board t<=5sec.
Pin assignment:
1. Source 8. Drain
2. Source 7. Drain
3. Source 6. Drain
4. Gate
5. Drain


Similar Part No. - TSM4835CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4835CSRL TSC-TSM4835CSRL Datasheet
177Kb / 4P
30V P-Channel MOSFET
More results

Similar Description - TSM4835CS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP32D5LFA DIODES-DMP32D5LFA_15 Datasheet
359Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com