Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752292 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752292
Description  MSTB 2,5/ 4-ST BK AU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752292 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752292 Datasheet HTML 1Page - PHOENIX CONTACT 1752292 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 2
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 4-ST BK AU
Order No.: 1752292
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752292
 
 
Plug component, Number of positions: 4, Pitch: 5 mm
 
Commercial data
GTIN (EAN)
4
017918
259297
Note
Made-to-order
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1752292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752298 PHOENIX-1752298 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/10-5,0
More results

Similar Description - 1752292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756256 PHOENIX-1756256 Datasheet
108Kb / 5P
MSTB 2,5/ 2-ST BK
1729360 PHOENIX-1729360 Datasheet
61Kb / 2P
MSTB 2,5/ 4-ST-5,08 BK VPE500
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1756272 PHOENIX-1756272 Datasheet
109Kb / 5P
MSTB 2,5/ 3-ST BK
1756353 PHOENIX-1756353 Datasheet
96Kb / 2P
MSTB 2,5/ 7-ST BK
1756379 PHOENIX-1756379 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST BK
1756418 PHOENIX-1756418 Datasheet
96Kb / 2P
MSTB 2,5/10-ST BK
1767915 PHOENIX-1767915 Datasheet
126Kb / 5P
MSTB 2,5/ 5-ST-5,08 BK AU
1765564 PHOENIX-1765564 Datasheet
47Kb / 3P
Plug - MSTB 2,5/ 3-ST-5,08 BK AU
1826542 PHOENIX-1826542 Datasheet
102Kb / 3P
FRONT-MSTB 2,5/ 4-ST-5,08 BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com