Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1206MH Datasheet(PDF) 1 Page - STMicroelectronics

Part # S1206MH
Description  The S12xxxH series of SCRs uses a high performance MESA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S1206MH Datasheet(HTML) 1 Page - STMicroelectronics

  S1206MH Datasheet HTML 1Page - STMicroelectronics S1206MH Datasheet HTML 2Page - STMicroelectronics S1206MH Datasheet HTML 3Page - STMicroelectronics S1206MH Datasheet HTML 4Page - STMicroelectronics S1206MH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S12xxxH
®
January 1995
SCR
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180
° conduction angle)
Tc= 90
°C12
A
IT(AV)
Average on-state current
(180
° conduction angle)
Tc= 90
°C
7.6
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C)
tp = 8.3 ms
132
A
tp = 10 ms
120
I
2t
I
2t Value for fusing
tp = 10 ms
72
A
2s
dI/dt
Critical rate of rise of on-state current
IG = 100 mA
diG /dt = 1 A/
µs.
100
A/
µs
Tstg
Tj
Storage and operating junction temperature range
- 40, + 150
- 40, + 125
°C
Tl
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
TO220
non-insulated
(Plastic)
IT(RMS) =12A
VDRM = 200V to 800V
High surge current capability
FEATURES
Symbol
Parameter
Voltage
Unit
BD
M
N
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
200
400
600
800
V
The S12xxxH series of SCRs uses a high
performance MESA GLASS PNPN technology.
These parts are intended for general purpose
applications.
DESCRIPTION
K
G
A
1/5


Similar Part No. - S1206MH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1206 SII-S1206 Datasheet
557Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
Chip Fuse
S1206H1 GOOD-ARK-S1206H1 Datasheet
186Kb / 4P
Chip Fuse
S1206H1.25 GOOD-ARK-S1206H1.25 Datasheet
186Kb / 4P
Chip Fuse
S1206H1.5 GOOD-ARK-S1206H1.5 Datasheet
186Kb / 4P
Chip Fuse
More results

Similar Description - S1206MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S1616MH STMICROELECTRONICS-S1616MH Datasheet
61Kb / 5P
The S16xxxH series of SCRs uses a high performance MESA GLASS PNPN technology.
Jan-1995
logo
JIEJIE MICROELECTRONICS...
JMC090-16 JIEJIE-JMC090-16 Datasheet
179Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC110-12 JIEJIE-JMC110-12 Datasheet
180Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC150-16 JIEJIE-JMC150-16 Datasheet
181Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC175-16 JIEJIE-JMC175-16 Datasheet
173Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC250-16 JIEJIE-JMC250-16 Datasheet
177Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JME045-12 JIEJIE-JME045-12 Datasheet
174Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JME048-12 JIEJIE-JME048-12 Datasheet
190Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JME055-12 JIEJIE-JME055-12 Datasheet
198Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JME070-12 JIEJIE-JME070-12 Datasheet
181Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com