Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752467 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752467
Description  Printed-circuit board connector - MSTB 2,5/ 6-ST AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752467 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752467 Datasheet HTML 1Page - PHOENIX CONTACT 1752467 Datasheet HTML 2Page - PHOENIX CONTACT 1752467 Datasheet HTML 3Page - PHOENIX CONTACT 1752467 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1752467
02/20/2017   Page 1 / 4
Printed-circuit board connector - MSTB 2,5/ 6-ST AU - 1752467
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 6, Pitch: 5 mm,
Connection method: Screw connection with tension sleeve, Color: green, Contact surface: Gold
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4017918223052
Weight per Piece (excluding packing)
10.250 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
25 mm
General
Range of articles
MSTB 2,5/..-ST
Type of contact
Female connector
Number of positions
6
Connection method
Screw connection with tension sleeve
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A


Similar Part No. - 1752467

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
PHOENIX CONTACT
1752441 PHOENIX-1752441 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G BK AU
1752454 PHOENIX-1752454 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 AU
1752470 PHOENIX-1752470 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 6-ST BK AU
1752483 PHOENIX-1752483 Datasheet
103Kb / 3P
MSTB 2,5/ 6-ST-5,08 AU
More results

Similar Description - 1752467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749030 PHOENIX-1749030 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-ST AU
1749661 PHOENIX-1749661 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/19-ST AU
1752108 PHOENIX-1752108 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 2-ST AU
1752289 PHOENIX-1752289 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST AU
1752373 PHOENIX-1752373 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-ST AU
1752470 PHOENIX-1752470 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 6-ST BK AU
1752551 PHOENIX-1752551 Datasheet
88Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 7-ST AU
1752849 PHOENIX-1752849 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-ST AU
1764604 PHOENIX-1764604 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 6-ST-5,08 BK AU
1849406 PHOENIX-1849406 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-ST-5,08 ABGY AU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com