Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752483 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752483
Description  MSTB 2,5/ 6-ST-5,08 AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752483 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752483 Datasheet HTML 1Page - PHOENIX CONTACT 1752483 Datasheet HTML 2Page - PHOENIX CONTACT 1752483 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 6-ST-5,08 AU
Order No.: 1752483
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752483
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 6, Pitch: 5.08 mm, Color: green, Metal surface:
Au
 
Commercial data
GTIN (EAN)
4
017918
213039
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1752483

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
PHOENIX CONTACT
1752441 PHOENIX-1752441 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G BK AU
1752454 PHOENIX-1752454 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 AU
1752467 PHOENIX-1752467 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 6-ST AU
1752470 PHOENIX-1752470 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 6-ST BK AU
More results

Similar Description - 1752483

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849037 PHOENIX-1849037 Datasheet
125Kb / 5P
MSTB 2,5/ 5-ST-5,08 ABGY AU
1705229 PHOENIX-1705229 Datasheet
96Kb / 2P
MSTB 2,5/ 4-ST-5,08 AU (1,4)
1749140 PHOENIX-1749140 Datasheet
113Kb / 5P
MSTB 2,5/13-ST-5,08 AU
1752124 PHOENIX-1752124 Datasheet
113Kb / 5P
MSTB 2,5/ 2-ST-5,08 AU
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1752687 PHOENIX-1752687 Datasheet
116Kb / 6P
MSTB 2,5/ 8-ST-5,08 AU
1752865 PHOENIX-1752865 Datasheet
91Kb / 4P
Plug - MSTB 2,5/10-ST-5,08 AU
1763948 PHOENIX-1763948 Datasheet
96Kb / 2P
MSTB 2,5/ 6-ST-5,08 GY
1948750 PHOENIX-1948750 Datasheet
88Kb / 2P
MSTB 2,5/ 6-ST-5,08-RF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com