Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM7401CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7401CS
Description  20V N-Channel MOSFET w/ESD Protected
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7401CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM7401CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7401CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7401CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM7401CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM7401CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM7401
1-1
2003/12 rev. A
TSM7401
20V N-Channel MOSFET w/ESD Protected
VDS = 20V
RDS (on), Vgs @ 4.5V, Ids @ 4.5A =20mΩ
RDS (on), Vgs @ 2.7V, Ids @ 3.5A =25mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
Excellent thermal and electrical capabilities
Specially designed for Li-ion battery packs.
Battery switch application
Ordering Information
Part No.
Packing
Package
TSM7401CS
Tape & Reel
2,500/per reel
SOP-8
Block Diagram
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20V
V
Gate-Source Voltage
VGS
± 12
V
Continuous Drain Current, VGS @4.5V.
ID
8
A
Pulsed Drain Current, VGS @4.5V
IDM
30
A
Ta = 25
oC
2.5
Maximum Power Dissipation
Ta = 70
oC
PD
1.3
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
Rθjf
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
50
oC/W
Note: Surface mounted on FR4 board t<=10sec.
Pin assignment:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM7401CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7401CSRL TSC-TSM7401CSRL Datasheet
354Kb / 6P
20V N-Channel MOSFET w/ESD Protected
logo
VBsemi Electronics Co.,...
TSM7401CSRL VBSEMI-TSM7401CSRL Datasheet
2Mb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - TSM7401CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3460 TSC-TSM3460 Datasheet
174Kb / 5P
20V N-Channel MOSFET w/ESD Protected
TSM3461 TSC-TSM3461 Datasheet
174Kb / 5P
20V N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD Datasheet
174Kb / 5P
20V Dual N-Channel MOSFET w/ESD Protected
TSM3461CX5 TSC-TSM3461CX5 Datasheet
174Kb / 5P
20V N-Channel MOSFET w/ESD Protected
TSM7401 TSC-TSM7401_1 Datasheet
354Kb / 6P
20V N-Channel MOSFET w/ESD Protected
TSM3460 TSC-TSM3460_07 Datasheet
353Kb / 6P
20V N-Channel MOSFET w/ESD Protected
TSM7311D TSC-TSM7311D_07 Datasheet
354Kb / 6P
20V Dual N-Channel MOSFET w/ESD Protected
TSM802 TSC-TSM802 Datasheet
259Kb / 6P
20V N-Channel MOSFET w/ESD Protected
TSM3460 TSC-TSM3460_08 Datasheet
127Kb / 6P
20V N-Channel MOSFET w/ESD Protected
TSM7900D TSC-TSM7900D_10 Datasheet
234Kb / 6P
20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com