Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4205 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4205
Description  Solar lithium battery charge and discharge management chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4205 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4205 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4205 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HM4205
May 2016 - REVISED July 2018
4
电特性
(VIN = 5.0V, TA = 25°C,除非特别说明。)
参数
符号
测试条件
最小值
典型值
最大值
单位
输入电源电压
VIN
4.3
5
8.0
V
IN端静态电流
IQ
充电模式
50
150
μA
稳定输出(浮充)电压
VFLOAT
0°C
≤T
A≤85°
C
4.158
4.200
4.242
V
BAT 引脚电流
IBAT
充电状态,电流模式,VIN=5V,VBAT=3.6V
950
1000
1050
mA
放电状态,空载,过放保护
-5
-20
μA
光控
0
-5
-20
μA
涓流充电电流
ITRIKL
VBAT < VTRIKL,
110
120
130
mA
涓流充电门限电压
VTRIKL
VBAT 上升
2.8
2.9
3.0
V
涓流充电迟滞电压
VTRHYS
60
80
100
mV
VIN欠压闭锁门限电压
VUV
VIN 从低到高
4.1
4.3
4.5
V
再充电电池门限电压
∆V
RECHRG
VFLOAT - VRECHRG
100
150
200
mV
限定温度模式中的结温
TLIM
145
℃
过放保护电压
VOD
VBAT下降
2.7
V
过放电压迟滞
VODHYS
VBAT上升
0.7
V
光控比较电压
VLC
VCC =5V, VLCIN falling
0.2
V
光控比较迟滞电压
VLCHYS
VCC =5V, VLCIN rising
150
mV
默认光控阈值
VCD
VCC falling
0.8
V
光控迟滞电压
VCDHYS
VCC rising
600
mV
过流保护阈值
ILIM
2.5
A
放电反向电压阈值
VRV
VOUT-VBAT
150
mV
LED闪烁频率
fC
充电
4
Hz
放电MOS导通电阻
RDSON
IOUT=500mA
80
m
Ω
LED引脚输出低电压
VLED
ILED = 5mA
0.3
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com