Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10813 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10813
Description  ~40째 wide beam with 1.7 mm high location pins
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10813 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10813 Datasheet HTML 1Page - Ledil, Inc. C10813 Datasheet HTML 2Page - Ledil, Inc. C10813 Datasheet HTML 3Page - Ledil, Inc. C10813 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C10813_CUTE-4-W
CUTE-4-W
~40° wide beam with 1.7 mm high location pins
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35.0 mm
Height
15 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
CUTE-4-W
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C10813_CUTE-4-W
» Box size: 480 x 280 x 300 mm
630
90
45
7.1
Last update: 30/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C10813

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10813 CREE-C10813 Datasheet
311Kb / 3P
Cute series
More results

Similar Description - C10813

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10429 LEDIL-C10429 Datasheet
2Mb / 4P
~40째 wide beam with 1.5 mm high location pins.
C13600 LEDIL-C13600 Datasheet
2Mb / 4P
~60째 wide beam with 1.5 mm high location pins.
CP15306 LEDIL-CP15306 Datasheet
3Mb / 5P
~40째 x 20째 oval beam and holder with location pins
CP15307 LEDIL-CP15307 Datasheet
3Mb / 6P
~50째 wide beam and holder with location pins
CP15308 LEDIL-CP15308 Datasheet
2Mb / 4P
~55째 wide beam and holder with location pins
C10712 LEDIL-C10712 Datasheet
1Mb / 4P
~40째 wide beam with 1.5 mm high location pins
C10755 LEDIL-C10755 Datasheet
2Mb / 9P
~25째 medium beam with 3 mm high location pins
C10756 LEDIL-C10756 Datasheet
4Mb / 11P
~40째 wide beam with 1.5 mm high location pins
C10812 LEDIL-C10812 Datasheet
1Mb / 5P
~20째 medium beam with 1.7 mm high location pins
C11334 LEDIL-C11334 Datasheet
2Mb / 9P
~25째 medium beam with 1.5 mm high location pins
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com