Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13898 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13898
Description  Two-sided adjustable design with interchangeable reflector parts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13898 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13898 Datasheet HTML 1Page - Ledil, Inc. C13898 Datasheet HTML 2Page - Ledil, Inc. C13898 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C13898_BLONDIE-A
BLONDIE-A
Two-sided
adjustable
design
with
interchangeable reflector parts
TECHNICAL SPECIFICATIONS:
Dimensions
92.0 x 78.3 mm
Height
45 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
BLONDIE-A
Reflector
PC
metal
lacquer
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13898_BLONDIE-A
» Box size: 480 x 280 x 300 mm
60
60
10
4.0
Last update: 08/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C13898

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13898 CREE-C13898 Datasheet
1Mb / 21P
Blondie series
More results

Similar Description - C13898

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
5 W, Two-channel Power Amplifier with Very Few External Parts
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
FCI connector
8655MH0901 FCI-CONNECTOR-8655MH0901 Datasheet
109Kb / 2P
SHIELDED HOOD5 - TWO PARTS HOODS
8655MH2511 FCI-CONNECTOR-8655MH2511 Datasheet
139Kb / 2P
SHIELDED HOODS - TWO PARTS
8655MH5001 FCI-CONNECTOR-8655MH5001 Datasheet
140Kb / 2P
SHIELDED HOOD5 - TWO PARTS HOODS
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
List of Unclassifed Man...
SF37S010000 ETC2-SF37S010000 Datasheet
239Kb / 9P
Secure assembly of the two case parts
logo
PHOENIX CONTACT
2708009 PHOENIX-2708009 Datasheet
109Kb / 7P
Lower housing parts with vents, extra flat design, fully assembled
logo
SparkFun Electronics
PRT-13867 SPARKFUN-PRT-13867 Datasheet
92Kb / 1P
Adjustable Parts Box
9/13/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com