Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFKA Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFKA
Description  AUTOMOTIVE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFKA Datasheet(HTML) 2 Page - Hongfa Technology

  HFKA Datasheet HTML 1Page - Hongfa Technology HFKA Datasheet HTML 2Page - Hongfa Technology HFKA Datasheet HTML 3Page - Hongfa Technology HFKA Datasheet HTML 4Page - Hongfa Technology HFKA Datasheet HTML 5Page - Hongfa Technology HFKA Datasheet HTML 6Page - Hongfa Technology HFKA Datasheet HTML 7Page - Hongfa Technology HFKA Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
12
12
≤7.2
≤6.5
≥1.4
≥1.4
316.8
253.4
0.64
0.8
1) Corresponds to the peak inrush current on initial actuation (motor).
2) When applied in flasher, a special silver alloy (AgSnO2) contact material should be used and the customer special code should be (170) as a
suffix. Please heed the anode and cathode's request when wired, common terminal should connect with anode.
3)
When the load requirement is different from content of the table above, please contact Hongfa for relay application support.
1) Max. allowable overdrive voltage is stated with no load applied.
Outline Dimensions
30
HFKA: Standard
HFKA-T: Reflow soldering version/
(XXX)
x(1 10%)
2Z: 2 Form C (Twin version)
1Z: 1 Form C (Single version)
280.8
224.6
225
180
≥1.2
≥1.2
≥1.0
≥1.0
≤9.0
≤8.2
≤10.2
≤9.2
High-temperature version
H F K A /
0 12
- 1Z
T
S
P
COIL DATA
Coil resistance
Nominal
voltage
VDC
Pick-up voltage
VDC
Drop-out voltage
VDC
Power consumption
W
ORDERING INFORMATION
Type
1H: 1 Form A (Single version)
2H: 2 Form A (Twin version)
1Z: 1 Form C (Single version)
2Z: 2 Form C (Twin version)
Coil voltage
012: 12VDC
Contact material
T: AgSnO2
Coil power
P: Low pick-up voltage
Nil: Standard
Construction
S: Plastic sealed
1)
Nil: Flux proofed
23
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Contact arrangement
HFKA (Standard)
C
Packing style
C: Tape and reel packing
Nil: Tube packing
85
125
125
85
23
23
85
125
23
Standard
Low pick-up voltage
Unit: mm
Notes: 1) Contact is recommended for suitable condition and specifications if water cleaning or surface process is involved in assembling relays
on PCB.
Special code
2)
XXX: Customer special requirement
Nil: Standard
2) The customer special requirement express as special code after evaluating by Hongfa. e.g. (170) stands for flasher load.
7.2 0.3
14
0.3
14 0.3
2x(0.3
)x(0.5
)
+0.3
- 0 .1
+ 0 .3
- 0 .1
3x(1.2
)x(0.3
)
+ 0 .3
- 0 .1
+ 0 .3
- 0 .1
4x(0.3
)x(0.5
)
+ 0 .3
- 0 .1
- 0 .1
+ 0 .3
15.4
0.3
6x(1.2
)x(0.3
)
+ 0 .3
+ 0 .3
- 0 .1
- 0 .1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com