Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753213 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753213
Description  Printed-circuit board connector - CCDN 2,5/10-G1-5,08 P26 THR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753213 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753213 Datasheet HTML 1Page - PHOENIX CONTACT 1753213 Datasheet HTML 2Page - PHOENIX CONTACT 1753213 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1753213
03/24/2014   Page 1 / 3
Printed-circuit board connector - CCDN 2,5/10-G1-5,08 P26 THR - 1753213
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 400 V, Number of positions: 10, Pitch: 5.08 mm, Color:
black, Contact surface: Tin, Assembly: Taped SMD/THT/THR components
The figure shows a 10-pos. version
with 20 contacts
Product Features
 Can be specially combined with FKCN 2,5 compact spring-cage plug
 Standard pin length of 2.6 mm
 Plug-in direction parallel to the PCB
 Minimal space required on the PCB
 Double-level base strip without offset levels
 Use in SMT reflow processes
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
22.22 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
17.6 mm
Pitch
5.08 mm
Dimension a
45.72 mm
Pin dimensions
1 x 1
Pin spacing
5.08 mm
Hole diameter
1.6 mm


Similar Part No. - 1753213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17532 ETC2-17532 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
PHOENIX CONTACT
1753200 PHOENIX-1753200 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 9-G1-5,08 P26 THR
logo
Weidmuller
1753202001 WEIDMULLER-1753202001 Datasheet
311Kb / 5P
SL-SMT 3.50/24/180G 1.5SN BK BX
logo
PHOENIX CONTACT
1753226 PHOENIX-1753226 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/11-G1-5,08 P26 THR
1753239 PHOENIX-1753239 Datasheet
76Kb / 3P
Printed-circuit board connector - CCDN 2,5/12-G1-5,08 P26 THR
More results

Similar Description - 1753213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734355 PHOENIX-1734355 Datasheet
72Kb / 3P
Printed-circuit board connector - CCDN 2,5/10-G1 P26 THR
1753132 PHOENIX-1753132 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 2-G1-5,08 P26 THR
1753158 PHOENIX-1753158 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 4-G1-5,08 P26 THR
1753161 PHOENIX-1753161 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 5-G1-5,08 P26 THR
1753174 PHOENIX-1753174 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 6-G1-5,08 P26 THR
1753187 PHOENIX-1753187 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 7-G1-5,08 P26 THR
1753190 PHOENIX-1753190 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 8-G1-5,08 P26 THR
1753226 PHOENIX-1753226 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/11-G1-5,08 P26 THR
1753255 PHOENIX-1753255 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/14-G1-5,08 P26 THR
1753284 PHOENIX-1753284 Datasheet
70Kb / 3P
Printed-circuit board connector - CCDN 2,5/17-G1-5,08 P26 THR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com