Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HJP36070SA Datasheet(PDF) 1 Page - Schneider Electric

Part # HJP36070SA
Description  Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 25kA, shunt trip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HJP36070SA Datasheet(HTML) 1 Page - Schneider Electric

  HJP36070SA Datasheet HTML 1Page - Schneider Electric HJP36070SA Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HJP36070SA
Circuit breaker, PowerPact H, thermal magnetic,
70A, 3 pole, 600V, 25kA, shunt trip
Product availability : Non-Stock - Not normally stocked in distribution facility
Main
Product or component type
Circuit breaker
Range of product
PowerPact H
Trip Unit Type
Thermal-magnetic
Breaking capacity code
J
Options
Shunt trip 120 V AC
Complementary
Line Rated Current
70 A
Number of Poles
3P
Interrupt Rating
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
20 kA 250 V DC
[Ue] rated operational voltage
250 V DC
600 V AC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Terminal nut line
Lugs load
Wire Gauge
AWG 14...AWG 3/0 aluminium/copper
Magnetic hold current
800 A
Magnetic tripping current
1450 A
Maximum Height
6.4 in (162.56 mm)
Width
4.12 in (104.65 mm)
Depth
4.36 in (110.74 mm)
Tightening torque
49.56…60.18 lbf.in (5.6…6.8 N.m)
Jul 27, 2020
1


Similar Part No. - HJP36070SA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HJP36070 SCHNEIDER-HJP36070 Datasheet
141Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 25kA
Jul 27, 2020
More results

Similar Description - HJP36070SA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HDF36070SN SCHNEIDER-HDF36070SN Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, shunt trip
Jul 14, 2020
HDL36070SA SCHNEIDER-HDL36070SA Datasheet
158Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, shunt trip
Jul 14, 2020
HGL36070SA SCHNEIDER-HGL36070SA Datasheet
166Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 18kA, shunt trip
Jul 13, 2020
HJL36060SA SCHNEIDER-HJL36060SA Datasheet
141Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 60A, 3 pole, 600V, 25kA, shunt trip
Jul 13, 2020
HJL36070 SCHNEIDER-HJL36070 Datasheet
147Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 25kA
Jul 13, 2020
HJL36070SA SCHNEIDER-HJL36070SA Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 25kA, shunt trip
Jul 14, 2020
HJL36080SA SCHNEIDER-HJL36080SA Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 80A, 3 pole, 600V, 25kA, shunt trip
Jul 14, 2020
HJL36100SA SCHNEIDER-HJL36100SA Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 100A, 3 pole, 600V, 25kA, shunt trip
Jul 13, 2020
HJL36015SA SCHNEIDER-HJL36015SA Datasheet
142Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 25kA, shunt trip
Jul 27, 2020
HJP36080SO SCHNEIDER-HJP36080SO Datasheet
134Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 80A, 3 pole, 600V, 25kA, shunt trip
Jul 27, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com