Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753770 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753770
Description  Base strip - MSTBV 2,5/19-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753770 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753770 Datasheet HTML 1Page - PHOENIX CONTACT 1753770 Datasheet HTML 2Page - PHOENIX CONTACT 1753770 Datasheet HTML 3Page - PHOENIX CONTACT 1753770 Datasheet HTML 4Page - PHOENIX CONTACT 1753770 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1753770
10/24/2014   Page 1 / 5
Base strip - MSTBV 2,5/19-G - 1753770
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 19, Pitch: 5 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
7.9 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
8.6 mm
Pitch
5 mm
Dimension a
90 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
MSTBV 2,5/..-G
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV


Similar Part No. - 1753770

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17537 VICOR-17537 Datasheet
78Kb / 1P
HTSNK B LONG .9H LOW FLOW, THRU HOLE
logo
List of Unclassifed Man...
17537 ETC2-17537 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Vicor Corporation
17537-5 VICOR-17537-5 Datasheet
78Kb / 1P
HTSNK B LONG .9H LOW FLOW, THRU HOLE
logo
PHOENIX CONTACT
1753705 PHOENIX-1753705 Datasheet
111Kb / 5P
Printed-circuit board connector - MCC 1/ 2-STZ-3,81 BK
logo
List of Unclassifed Man...
1753710B1 ETC2-1753710B1 Datasheet
59Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
More results

Similar Description - 1753770

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753576 PHOENIX-1753576 Datasheet
115Kb / 7P
Base strip - MSTBV 2,5/ 9-G
1753615 PHOENIX-1753615 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/11-G
1753712 PHOENIX-1753712 Datasheet
112Kb / 7P
Base strip - MSTBV 2,5/16-G
1753796 PHOENIX-1753796 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/20-G
1753534 PHOENIX-1753534 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/ 7-G
1753819 PHOENIX-1753819 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/21-G
1753851 PHOENIX-1753851 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/23-G
1758160 PHOENIX-1758160 Datasheet
79Kb / 5P
Base strip - MSTBV 2,5/17-G-5,08
1777057 PHOENIX-1777057 Datasheet
78Kb / 5P
Base strip - MSTBV 2,5/19-GF
1808638 PHOENIX-1808638 Datasheet
96Kb / 5P
Base strip - MSTBV 2,5/19-GEH-5,08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com